Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC930 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPC930
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC930 Datasheet(HTML) 5 Page - Motorola, Inc

  MPC930 Datasheet HTML 1Page - Motorola, Inc MPC930 Datasheet HTML 2Page - Motorola, Inc MPC930 Datasheet HTML 3Page - Motorola, Inc MPC930 Datasheet HTML 4Page - Motorola, Inc MPC930 Datasheet HTML 5Page - Motorola, Inc MPC930 Datasheet HTML 6Page - Motorola, Inc MPC930 Datasheet HTML 7Page - Motorola, Inc MPC930 Datasheet HTML 8Page - Motorola, Inc MPC930 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MPC930 MPC931
TIMING SOLUTIONS
BR1333 — Rev 6
5
MOTOROLA
MPC930 AC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
fxtal
Crystal Oscillator Frequency Range
10
20
MHz
Note 5., Note 7.
fref
Input Reference Frequency
Note 7.
Note 7.
MHz
Ref = TCLK
tos
Output–to–Output Skew
Same Frequency
(Note 4.)
Diff Frequency
Same Frequency
Diff Frequency
200
300
300
450
300
400
400
600
ps
fmax ≤ 100MHz
fmax ≤ 100MHz
fmax > 100MHz
fmax > 100MHz
fVCO
VCO Lock Range
Power_Dn = 0
Power_Dn = 1
100
50
280
140
MHz
fmax
Maximum Output Frequency
Qa, Qb (
÷2)
Qa, Qb, Qc (
÷4)
Qc (
÷6)
140
80
47
MHz
Note 4.
tpd
TCLK to EXT_FB Delay
–600
–100
400
ps
fref = 50MHz, FB = ÷4
tpw
Output Duty Cycle (Note 4.)
tCYCLE/2
–750
tCYCLE/2
±500
tCYCLE/2
+750
ps
tr, tf
Output Rise/Fall Time (Note 4.)
0.1
1.0
ns
0.8 to 2.0V
tPLZ, tPHZ
Output Disable Time
2.0
8.0
ns
50
Ω to VCC/2
tPZL
Output Enable Time
2.0
10
ns
50
Ω to VCC/2
tjitter
Cycle–to–Cycle Jitter (Peak–to–Peak)
±100
ps
Note 6.
tlock
Maximum PLL Lock Time
10
ms
4. Measured with 50
Ω to VCC/2 termination.
5. See Applications Info section for more Crystal specifications.
6. See Applications Info section for more jitter information.
7. Input reference frequency is bounded by VCO lock range and feedback divide selection.
MPC931 AC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
fref
Input Reference Frequency
Note 11.
Note 11.
MHz
tos
Output–to–Output Skew
Same Frequency
(Note 8.)
Diff Frequency
Same Frequency
Diff Frequency
200
300
300
450
300
400
400
600
ps
fmax ≤ 100MHz
fmax ≤ 100MHz
fmax > 100MHz
fmax > 100MHz
fVCO
VCO Lock Range
Power_Dn = 0
Power_Dn = 1
200
100
480
240
MHz
fmax
Maximum Output Frequency
Qa, Qb (
÷2)
Qa, Qb, Qc (
÷4)
Qc (
÷6)
150
120
80
MHz
Note 9.
tpd
Reference to EXT_FB Average Delay
TCLK
PECL_CLK
–150
–400
0
–250
+150
–100
ps
fref = 50MHz; FB = ÷8;
Note 12.
tpw
Output Duty Cycle (Note 8.)
tCYCLE/2
–750
tCYCLE/2
±500
tCYCLE/2
+750
ps
tr, tf
Output Rise/Fall Time (Note 8.)
0.1
1.0
ns
0.8 to 2.0V
tPLZ, tPHZ
Output Disable Time
2.0
8.0
ns
50
Ω to VCC/2
tPZL
Output Enable Time
2.0
10
ns
50
Ω to VCC/2
tjitter
Cycle–to–Cycle Jitter (Peak–to–Peak)
±100
ps
Note 10.
tlock
Maximum PLL Lock Time
10
ms
8. Measured with 50
Ω to VCC/2 termination.
9. fmax limited by skew spec. Outputs will generate valid CMOS signals up to 180MHz.
10. See Applications Info section for more jitter information.
11. Input reference frequency is bounded by VCO lock range and feedback divide selection.
12. tpd is specified for 50MHz input reference, the window will shrink/grow proportionally from the minimum limit with shorter/linger reference
periods. The tpd does not include jitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com