Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC930 Datasheet(PDF) 12 Page - Motorola, Inc

Part # MPC930
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC930 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MPC930 Datasheet HTML 6Page - Motorola, Inc MPC930 Datasheet HTML 7Page - Motorola, Inc MPC930 Datasheet HTML 8Page - Motorola, Inc MPC930 Datasheet HTML 9Page - Motorola, Inc MPC930 Datasheet HTML 10Page - Motorola, Inc MPC930 Datasheet HTML 11Page - Motorola, Inc MPC930 Datasheet HTML 12Page - Motorola, Inc MPC930 Datasheet HTML 13Page - Motorola, Inc MPC930 Datasheet HTML 14Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
MPC930 MPC931
MOTOROLA
TIMING SOLUTIONS
BR1333 — Rev 6
12
Figure 17. Single versus Dual Waveforms
TIME (nS)
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
10
12
14
OutB
tD = 3.9386
OutA
tD = 3.8956
In
Since this step is well above the threshold region it will not
cause any false clock triggering, however designers may be
uncomfortable with unwanted reflections on the line. To
better match the impedances when driving multiple lines the
situation in Figure 18 should be used. In this case the series
terminating resistors are reduced such that when the parallel
combination is added to the output buffer impedance the line
impedance is perfectly matched.
Figure 18. Optimized Dual Line Termination
7
Ω
MPC930/931
OUTPUT
BUFFER
RS = 36Ω
ZO = 50Ω
RS = 36Ω
ZO = 50Ω
7
Ω + 36Ω k 36Ω = 50Ω k 50Ω
25
Ω = 25Ω
SPICE level output buffer models are available for
engineers who want to simulate their specific interconnect
schemes. In addition IV characteristics are in the process of
being generated to support the other board level simulators in
general use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com