Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4523GD Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # AP4523GD
Description  Low Gate Charge, Fast Switching Speed, PDIP-8 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4523GD Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  AP4523GD Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
AP4523GD
N-Channel
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
5/7
Q
VG
4.5V
QGS
QGD
QG
Charge
0
4
8
12
16
0
5
10
15
20
Q G , Total Gate Charge (nC)
I D =5A
V DS =30V
10
100
1000
1
5
9
13
17
21
25
V DS , Drain-to-Source Voltage (V)
f=1.0MHz
C iss
C oss
C rss
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
t , Pulse Width (s)
PDM
Duty factor = t/T
Peak Tj = PDM x Rthja + Ta
Rthja =90
oC/W
t
T
0.02
0.01
0.05
0.1
0.2
Duty factor=0.5
Single Pulse
0.01
0.1
1
10
100
0.1
1
10
100
V DS , Drain-to-Source Voltage (V)
T A =25
o C
Single Pulse
100us
1ms
10ms
100ms
1s
DC
0
5
10
15
20
25
30
02
46
V GS , Gate-to-Source Voltage (V)
T j =150
o C
T j =25
o C
V DS =5V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com