Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4523GD Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP4523GD
Description  Low Gate Charge, Fast Switching Speed, PDIP-8 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4523GD Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP4523GD Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
N-CH Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=250uA
40
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=1mA
-
0.03
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=10V, ID=5A
-
-
40
mΩ
VGS=4.5V, ID=3A
-
-
50
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=250uA
1
-
3
V
gfs
Forward Transconductance
VDS=10V, ID=5A
-
5
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=40V, VGS=0V
-
-
1
uA
Drain-Source Leakage Current (Tj=70
oC)
VDS=32V, VGS=0V
-
-
25
uA
IGSS
Gate-Source Leakage
VGS=±10V
-
-
±30
uA
Qg
Total Gate Charge
2
ID=5A
-
7
11
nC
Qgs
Gate-Source Charge
VDS=30V
-
2
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=4.5V
-
3
-
nC
td(on)
Turn-on Delay Time
2
VDS=20V
-
6
-
ns
tr
Rise Time
ID=1A
-
5
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=10V
-
19
-
ns
tf
Fall Time
RD=20Ω
-4
-
ns
Ciss
Input Capacitance
VGS=0V
-
580
930
pF
Coss
Output Capacitance
VDS=25V
-
80
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
48
-
pF
Rg
Gate Resistance
f=1.0MHz
-
2
3
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VSD
Forward On Voltage
2
IS=1.5A, VGS=0V
-
-
1.3
V
trr
Reverse Recovery Time
2
IS=5A, VGS=0V
-
18
-
ns
Qrr
Reverse Recovery Charge
dI/dt=100A/µs
-
13
-
nC
2/7
AP4523GD



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com