Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4523GD Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # AP4523GD
Description  Low Gate Charge, Fast Switching Speed, PDIP-8 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4523GD Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  AP4523GD Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AP4523GD
P-CH Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-40
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃,ID=-1mA
-
-0.03
-
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=-10V, ID=-5A
-
-
52
mΩ
VGS=-4.5V, ID=-3A
-
-
80
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-1
-
-3
V
gfs
Forward Transconductance
VDS=-10V, ID=-5A
-
5
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=-40V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=70
oC)
VDS=-32V, VGS=0V
-
-
-25
uA
IGSS
Gate-Source Leakage
VGS=±20V
-
-
±100
nA
Qg
Total Gate Charge
2
ID=-5A
-
11
18
nC
Qgs
Gate-Source Charge
VDS=-30V
-
3
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
6
-
nC
td(on)
Turn-on Delay Time
2
VDS=-20V
-
10
-
ns
tr
Rise Time
ID=-1A
-
5
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=-10V
-
28
-
ns
tf
Fall Time
RD=20Ω
-7
-
ns
Ciss
Input Capacitance
VGS=0V
-
960
1540
pF
Coss
Output Capacitance
VDS=-25V
-
136
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
102
-
pF
Rg
Gate Resistance
f=1.0MHz
-
5
7.5
Ω
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min.
Typ.
Max. Units
VSD
Forward On Voltage
2
IS=-1.5A, VGS=0V
-
-
-1.3
V
trr
Reverse Recovery Time
2
IS=-5A, VGS=0V
-
25
-
ns
Qrr
Reverse Recovery Charge
dI/dt=-100A/µs
-
23
-
nC
Notes:
1.Pulse width limited by Max. junction temperature.
2.Pulse width <300us , duty cycle <2%.
3.Surface mounted on 1 in
2 copper pad of FR4 board , t <10sec ; 90℃/W when mounted on min. copper pad.
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com