Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4523GD Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP4523GD
Description  Low Gate Charge, Fast Switching Speed, PDIP-8 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP4523GD Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP4523GD Datasheet HTML 1Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 2Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 3Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 4Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 5Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 6Page - Advanced Power Electronics Corp. AP4523GD Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Advanced Power
N AND P-CHANNEL ENHANCEMENT
Electronics Corp.
MODE POWER MOSFET
▼
▼
▼
▼ Low Gate Charge
N-CH BVDSS
40V
▼
▼
▼
▼ Fast Switching Speed
RDS(ON)
40mΩ
▼
▼
▼
▼ PDIP-8 Package
ID
5.6A
▼
▼
▼
▼ RoHS Compliant
P-CH
BVDSS
-40V
RDS(ON)
52mΩ
Description
ID
-5.1A
Absolute Maximum Ratings
Symbol
Parameter
Rating
Units
N-channel
P-channel
VDS
Drain-Source Voltage
40
-40
V
VGS
Gate-Source Voltage
±10
±20
V
ID@TA=25℃
Continuous Drain Current
3
5.6
-5.1
A
ID@TA=70℃
Continuous Drain Current
3
4.5
-4
A
IDM
Pulsed Drain Current
1
30
-30
A
PD@TA=25℃
Total Power Dissipation
2.0
W
Linear Derating Factor
0.016
W/℃
TSTG
Storage Temperature Range
-55 to 150
℃
TJ
Operating Junction Temperature Range
-55 to 150
℃
Symbol
Value
Unit
Rthj-a
Thermal Resistance Junction-ambient
3
Max.
62.5
℃/W
Data and specifications subject to change without notice
Parameter
201129051-1/7
Thermal Data
AP4523GD
Pb Free Plating Product
D1
D1
D2
D2
S1
G1
S2
G2
PDIP-8
The Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, ultra low on-resistance and
cost-effectiveness.
G2
D2
S2
G1
D1
S1


Similar Part No. - AP4523GD

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP4523GD A-POWER-AP4523GD_14 Datasheet
99Kb / 7P
Low Gate Charge
More results

Similar Description - AP4523GD

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP2532GY A-POWER-AP2532GY Datasheet
122Kb / 8P
Low Gate Charge, Fast Switching Performance
AP2533GY-HF A-POWER-AP2533GY-HF Datasheet
124Kb / 7P
Low Gate Charge, Fast Switching Performance
AP2530AGY-HF A-POWER-AP2530AGY-HF Datasheet
126Kb / 7P
Low Gate Charge, Fast Switching Performance
AP4519GED A-POWER-AP4519GED Datasheet
100Kb / 7P
Low Gate Charge, Fast Switching Speed, PDIP-8 Package
logo
List of Unclassifed Man...
FDS6911 ETC2-FDS6911 Datasheet
116Kb / 6P
Fast switching speed, Low gate charge
logo
GOOD-ARK Electronics
GDSSF22A5E GOOD-ARK-GDSSF22A5E Datasheet
750Kb / 5P
Low Gate Charge for Fast Switching
logo
Taiwan Semiconductor Co...
TSM085P03CV TSC-TSM085P03CV Datasheet
410Kb / 6P
Low gate charge for fast power switching
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
Low gate charge for fast power switching
TSM120NA03CR TSC-TSM120NA03CR Datasheet
343Kb / 6P
Low gate charge for fast power switching
TSM160N10LCR TSC-TSM160N10LCR Datasheet
308Kb / 6P
Low gate charge for fast power switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com