Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1552 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # LR1552
Description  Dual SPDT Analog Switch with Chip Scale Packaging
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1552 Datasheet(HTML) 3 Page - Leshan Radio Company

  LR1552 Datasheet HTML 1Page - Leshan Radio Company LR1552 Datasheet HTML 2Page - Leshan Radio Company LR1552 Datasheet HTML 3Page - Leshan Radio Company LR1552 Datasheet HTML 4Page - Leshan Radio Company LR1552 Datasheet HTML 5Page - Leshan Radio Company LR1552 Datasheet HTML 6Page - Leshan Radio Company LR1552 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DC ELECTRICAL CHARACTERISTICS @
@
@
@ +3V Supply
Guaranteed Limit
Parameter
Symbol
Conditions
Min. Typ.
(1) Max.
Unit
Analog Switch
Analog Signal Range
VNOX/VNCX/
VCOMX
0
VCC
V
NC On-Resistance
RON(NC)
VCC = 2.7V; ICOM =100mA ; VNC = 0
to VCC
0.4
0.5
NO On-Resistance
RON(NO)
VCC = 2.7V; ICOM =100mA ; VNO= 0
to VCC
0.5
0.6
NC On-Resistance Flatness
(2)
RFLAT(NC)
VCC = 2.7V; ICOM =100mA ; VNC = 0
to VCC
0.15
NO On-Resistance Flatness
(2)
RFLAT(NO)
VCC = 2.7V; ICOM =100mA ; VNO = 0
to VCC
0.25
On-Resistance Match Between
Channels
(3)
△RON
VCC = 2.7V; ICOM =100mA ; VNC
/VNO=1.5
0.01
0.06
NC or NO Off Leakage Current
IOFF(NC) or
IOFF(NO)
VCC = 3.3V; VNO or VNC = 3V, 0.3V;
VCOM = 0.3V, 3 V
-80
+80
nA
COM On Leakage Current
ION(COM)
VCC = 3.3V; VNO or VNC = 3V, 0.3V;
VCOM = 0.3V, 3 V or floating
-160
160
nA
Digital I/O
Input Voltage High
VIH
Minimum High Level Input Voltage
1.3
V
Input Voltage Low
VIL
Maximum Low Level Input Voltage
0.6
V
Input Hysteresis
IH
VCC = 3.3V
200
mV
Input Leakage Current
IIN
VIN = 0 or Vcc
-1
1
uA
Note:
(1) Typical characteristics are at +3V supply and +25°C
(2) Flatness is defined as the difference between the maximum and minimum value of on resistance as
measured over the specified analog signal ranges.
(3) △RON= RON(MAX) - RON(MIN), between NC1 and NC2 or between NO1 and NO2.
Leshan Radio Co ., Ltd
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com