Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1552 Datasheet(PDF) 5 Page - Leshan Radio Company

Part # LR1552
Description  Dual SPDT Analog Switch with Chip Scale Packaging
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1552 Datasheet(HTML) 5 Page - Leshan Radio Company

  LR1552 Datasheet HTML 1Page - Leshan Radio Company LR1552 Datasheet HTML 2Page - Leshan Radio Company LR1552 Datasheet HTML 3Page - Leshan Radio Company LR1552 Datasheet HTML 4Page - Leshan Radio Company LR1552 Datasheet HTML 5Page - Leshan Radio Company LR1552 Datasheet HTML 6Page - Leshan Radio Company LR1552 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TEST SETUP CIRCUITS
MOS Switch
Vin
Nx
Vout
Unused Nx
COM
RL=50
CL= 35pF
RL
CL
A
VCC
GND
Input Logic
Switch
Output
VIH
VIL
Off
On
50%
tON
tOFF
90%
tr = tf < 5ns
Logic
Input
0V
Vout
Figure1. AC Test Circuit & Waveforms
MOS Switch
Vin
NC
Vout
NO
COM
RL=50
CL= 35pF
RL
CL
A
VCC
GND
Input Logic
Switch
Output
VIH
VIL
Off
On
50%
90% Vout
Logic
Input
Vout
tBBM
Figure2. Break-Before-Make Time (tBBM)
MOS Switch
NCx
Vout
NOx
COMx
CL = 1nF
A
VCC
GND
Input Logic
Vout
Switch
Output
VIH
VIL
Logic
Input
RGEN
VGEN
Off
On
△
△
△
△Vout
Q = △
△
△
△Vout * CL
Figure3. Charge Injection (Q)
Leshan Radio Co ., Ltd
5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com