Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1552 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR1552
Description  Dual SPDT Analog Switch with Chip Scale Packaging
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1552 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR1552 Datasheet HTML 1Page - Leshan Radio Company LR1552 Datasheet HTML 2Page - Leshan Radio Company LR1552 Datasheet HTML 3Page - Leshan Radio Company LR1552 Datasheet HTML 4Page - Leshan Radio Company LR1552 Datasheet HTML 5Page - Leshan Radio Company LR1552 Datasheet HTML 6Page - Leshan Radio Company LR1552 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Dual SPDT Analog Switch with Chip Scale Packaging
Features
Wide Power Supply Range:1.65V to 5.5V
Low On-Resistance:
RON(NC) = 0.4Ω(VCC=2.7V)
RON(NO) = 0.5Ω(VCC=2.7V)
Low On-Resistance Flatness:
RONF(NC) = 0.15Ω max (VCC=2.7V)
RONF(NO) = 0.25Ω max (VCC=2.7V)
Rail-to-Rail Signal Range
High Off-Isolation: -60dB (f=100 kHz)
Crosstalk Rejection: -67dB
Low Total Harmonic Distortion: 0.05%
Lead(Pb) Free CSP-10 Packaging
Applications
Wireless Handsets
MP3 Players
Portable Electronic Devices
Relay Replacement
PDAs
Audio & Video Signal Routing
PCMCIA Cards
Computer Peripherals
Modems
Pin Configuration
(Top View)
** YY: Year; MM: Month
C1
C2
C3
C4
A1
A2
A3
A4
B1
B2
NO2
COM2
IN2
NC2
NO1
COM1
IN1
NC1
1 5 5 2
YYMM
Description
The LR1552 is a Dual Wide-Bandwidth, fast single-
pole double-throw (SPDT) CMOS switch featuring an
On-Resistance of 0.4 ohm at VDD=2.7V and wide
power supply range from 1.65V to5.5V. It can be
used as an analog switch or as a low-delay bus
switch.
Break-before-make function for both parts eliminates
signal disruption during switching from preventing
both switches being enabled simultaneously.
Block Diagram
C1
C2
C3
C4
A1
A2
A3
A4
B1
B2
NO2
COM2
IN2
NC2
GND
VCC
NO1
COM1
IN1
NC1
Function Table
INX
Function
0
NCX Connected to COMX
1
NOX Connected to COMX
Pin Description
Pin Name
Type
Description
VCC
PWR
Power Supply
GND
Ground
Ground
COMx
Input/Output
Data Port
NCx
Input/Output
Data Port
NOx
Input/Output
Data Port
INX
Input
Logic Control Signal
** X = 1or 2
LR1552
Leshan Radio Co ., Ltd
1/7


Similar Part No. - LR1552

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1551 LRC-LR1551 Datasheet
153Kb / 10P
2.7 Low Voltage SPDT Analog Switch in 6-pin SOT363
LR1553 LRC-LR1553 Datasheet
160Kb / 8P
0.6 Low Ron??0MHz High BW SPDT Analog Switch
LR1554 LRC-LR1554 Datasheet
451Kb / 6P
L ow Voltage 0.4 Quad SPDT Analog Switch
More results

Similar Description - LR1552

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A4684 PERICOM-PI5A4684 Datasheet
611Kb / 8P
Chip Scale Packaging, Dual SPDT Analog Switch
logo
List of Unclassifed Man...
SGM4684 ETC1-SGM4684 Datasheet
466Kb / 9P
Chip Scale Packaging, Low-Voltage 0.4ohm, D ual, SPDT Analog Switch
logo
SG Micro Corp
SGM4684 SGMICRO-SGM4684 Datasheet
267Kb / 10P
Chip Scale Packaging, Low-Voltage 0.4廓, Dual, SPDT Analog Switch
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
Dual SPDT Analog Switch
25-Apr-11
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
Dual SPDT Analog Switch
06-Sep-10
logo
Protek Devices
PA4684 PROTEC-PA4684 Datasheet
170Kb / 9P
Dual SPDT Analog Switch
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
DUAL SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
Dual SPDT Analog Switch
25-Apr-11
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
Dual SPDT Analog Switch
10-Mar-14
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com