Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1552 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR1552
Description  Dual SPDT Analog Switch with Chip Scale Packaging
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1552 Datasheet(HTML) 4 Page - Leshan Radio Company

  LR1552 Datasheet HTML 1Page - Leshan Radio Company LR1552 Datasheet HTML 2Page - Leshan Radio Company LR1552 Datasheet HTML 3Page - Leshan Radio Company LR1552 Datasheet HTML 4Page - Leshan Radio Company LR1552 Datasheet HTML 5Page - Leshan Radio Company LR1552 Datasheet HTML 6Page - Leshan Radio Company LR1552 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DYNAMIC CHARACTERISTICS
Guaranteed Limit
Parameter
Symbol
Conditions
Min. Typ.
(1) Max.
Unit
AC ELECTRICAL CHARACTERISTICS
Turn-On Time
tON
VCC = 2.7V; VNO or VNC = 1.5V, RL =
50 ; CL = 35pF, Figure1
25
60
ns
Turn-Off Time
tOFF
VCC = 2.7V; VNO or VNC = 1.5V, RL =
50 ; CL = 35pF, Figure1
8
20
ns
Break-Before-Make Time
tBBM
VCC = 2.7V; VNO or VNC = 1.5V, RL =
50 ; CL = 35pF, Figure2
22
ns
NC OFF Capacitance
COFF(NC)
f = 1MHz, Figure6
84
pF
NO OFF Capacitance
COFF(NO)
f = 1MHz, Figure6
66
pF
NC ON Capacitance
CON(NC)
f = 1MHz, Figure7
245
pF
NO ON Capacitance
CON(NO)
f = 1MHz, Figure7
235
pF
ADDITIONAL APPLICATION CHARACTERISTICS
3dB Bandwidth
f3dB
Figure8
27
MHz
Charge Injection
Q
VGEN = 0V; RGEN = 0Ω; CL = 1nF;
Figure3
30
pC
Off Isolation
(2)
VIso
f = 100kHz; RL = 50Ω; CL = 5pF; VCOM
= 1 VRMS; Figure4
-60
dB
Crosstalk
(3)
VCT
f = 100kHz; RL = 50Ω; CL = 5pF; VCOM
= 1 VRMS; Figure5
-67
dB
Total Harmonic Distortion
THD
VCC = 3.3V; RL = 32Ω; VIN = 2VP-P;
0.06
%
Supply
Power Supply Range
Vcc
1.65
5.5
V
Maximum Quiescent
Supply Current
Icc
VCC = 5.5V; VIN = VCC or 0
200
nA
Note:
(1) Typical characteristics are at +3V supply and 25°C
(2) Off Channel Isolation = 20log10 [(VNO\NC)/VCOM]
(3) Between any two switches
Leshan Radio Co ., Ltd
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com