Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8351ARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD8351ARMZ
Description  Low Distortion Differential RF/IF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ARMZ Datasheet(HTML) 4 Page - Analog Devices

  AD8351ARMZ Datasheet HTML 1Page - Analog Devices AD8351ARMZ Datasheet HTML 2Page - Analog Devices AD8351ARMZ Datasheet HTML 3Page - Analog Devices AD8351ARMZ Datasheet HTML 4Page - Analog Devices AD8351ARMZ Datasheet HTML 5Page - Analog Devices AD8351ARMZ Datasheet HTML 6Page - Analog Devices AD8351ARMZ Datasheet HTML 7Page - Analog Devices AD8351ARMZ Datasheet HTML 8Page - Analog Devices AD8351ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
–4–
AD8351
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8351 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage VPOS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 V
PWUP Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VPOS
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . 320 mW
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125
°C/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125
°C
Operating Temperature Range . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . . 300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
PIN CONFIGURATION
1
AD8351
PWUP
RGP1
INHI
INLO
RGP2
VOCM
VPOS
OPHI
OPLO
COMM
2
3
4
5
10
9
8
7
6
TOP VIEW
(Not to Scale)
ORDERING GUIDE
Model
Temp. Range
Package Description
Package Option
Branding
AD8351ARM
–40
°C to +85°C
10-Lead MSOP, 7" Tape and Reel
RM-10
JDA
AD8351ARM-R2
–40
°C to +85°C
10-Lead MSOP, 7" Tape and Reel
RM-10
JDA
AD8351ARM-REEL7
–40
°C to +85°C
10-Lead MSOP, 7" Tape and Reel
RM-10
JDA
AD8351-EVAL
Evaluation Board
PIN FUNCTION DESCRIPTIONS
Pin No.
Name
Function
1PWUP
Apply a positive voltage (1.3 V
≤ V
PWUP
≤ VPOS ) to activate device.
2
RGP1
Gain Resistor Input 1.
3
INHI
Balanced Differential Input. Biased to midsupply, typically ac-coupled
4
INLO
Balanced Differential Input. Biased to midsupply, typically ac-coupled.
5
RGP2
Gain Resistor Input 2.
6
COMM
Device Common. Connect to low impedance ground.
7
OPLO
Balanced Differential Output. Biased to VOCM, typically ac-coupled.
8
OPHI
Balanced Differential Output. Biased to VOCM, typically ac-coupled.
9
VPOS
Positive Supply Voltage. 3 V to 5.5 V.
10
VOCM
Voltage applied to this pin sets the common-mode voltage at both the input and output.
Typically decoupled to ground with a 0.1
µF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com