Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8351ARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD8351ARMZ
Description  Low Distortion Differential RF/IF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8351ARMZ Datasheet HTML 4Page - Analog Devices AD8351ARMZ Datasheet HTML 5Page - Analog Devices AD8351ARMZ Datasheet HTML 6Page - Analog Devices AD8351ARMZ Datasheet HTML 7Page - Analog Devices AD8351ARMZ Datasheet HTML 8Page - Analog Devices AD8351ARMZ Datasheet HTML 9Page - Analog Devices AD8351ARMZ Datasheet HTML 10Page - Analog Devices AD8351ARMZ Datasheet HTML 11Page - Analog Devices AD8351ARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. B
–8–
AD8351
FREQUENCY (MHz)
10
1000
100
2000
1000
2500
1500
3000
3500
4000
500
0
0
–25
–50
–75
–100
TPC 19. Input Impedance vs. Frequency
FREQUENCY (MHz)
0
1000
100
120
100
130
110
140
150
160
30
15
10
5
0
20
25
TPC 20. Output Impedance vs. Frequency
FREQUENCY (MHz)
0
250
–8
–6
–10
–4
–2
0
25
50
75
100
125
150
175
200
225
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
–12
–14
–16
–18
TPC 21. Phase and Group Delay (AV = 10 dB, at 5 V Supplies)
10MHz
3GHz
3GHz
10MHz
WITH
50
TERMINATIONS
WITHOUT
TERMINATIONS
500MHz
500MHz
TPC 22. Input Reflection Coefficient vs. Frequency
(RS = RL = 100
Ω with and without 50 Ω Terminations)
3GHz
10MHz
500MHz
TPC 23. Output Reflection Coefficient vs.
Frequency (RS = RL = 100
Ω)
FREQUENCY (MHz)
80
20
0
1000
100
10
RL = 1k
RL = 150
70
60
40
50
30
TPC 24. Common-Mode Rejection Ratio,
CMRR (RS = 100
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com