Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8351ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8351ARMZ
Description  Low Distortion Differential RF/IF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD8351ARMZ Datasheet HTML 1Page - Analog Devices AD8351ARMZ Datasheet HTML 2Page - Analog Devices AD8351ARMZ Datasheet HTML 3Page - Analog Devices AD8351ARMZ Datasheet HTML 4Page - Analog Devices AD8351ARMZ Datasheet HTML 5Page - Analog Devices AD8351ARMZ Datasheet HTML 6Page - Analog Devices AD8351ARMZ Datasheet HTML 7Page - Analog Devices AD8351ARMZ Datasheet HTML 8Page - Analog Devices AD8351ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
REV. B
AD8351
–5–
FREQUENCY (MHz)
1
10000
0
10
100
1000
20
15
10
5
–5
RG = 20
RG = 80
RG = 200
TPC 1. Gain vs. Frequency for a 150
Ω Differential Load
(AV = 6 dB, 12 dB, and 18 dB)
RG ( )
35
10
10k
25
15
5
–5
–10
100
1k
30
20
10
0
RL = OPEN
RL = 1k
RL = 150
TPC 2. Gain vs. Gain Resistor, RG (f = 100 MHz,
RL = 150
Ω, 1 kΩ, and Open)
TEMPERATURE ( C)
10.75
–50
110
10.50
10.00
9.50
9.25
–30
50
10.25
9.75
–10
10
30
70
90
9.00
10.50
10.00
9.50
9.25
10.25
9.75
TPC 3. Gain vs. Temperature at 100 MHz (AV = 10 dB)
(VS = 5 V, T = 25 C, unless otherwise noted.)
FREQUENCY (MHz)
30
1
10000
5
10
100
1000
25
20
15
10
0
RG = 10
RG = 50
RG = 200
TPC 4. Gain vs. Frequency for a 1 k
Ω Differential Load
(AV = 10 dB, 18 dB, and 26 dB)
FREQUENCY (MHz)
0.8
1
1000
0.4
0
–0.4
–0.8
–1.0
10
100
0.6
0.2
–0.2
–0.6
0.5
0.1
–0.3
–0.7
–0.9
0.7
0.3
–0.1
–0.5
0.9
1.0
RL = 150
RL = 1k
RL = 150
RL = 1k
TPC 5. Gain Flatness vs. Frequency
(RL = 150
Ω and 1 kΩ, AV =10 dB)
FREQUENCY (MHz)
0
1000
–70
–90
–60
–80
–10
0
–50
–40
–30
–20
100
200
300
400
500
600
700
800
900
TPC 6. Isolation vs. Frequency (AV = 10 dB)
Typical Performance Characteristics–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com