Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8351ARMZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD8351ARMZ
Description  Low Distortion Differential RF/IF Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ARMZ Datasheet(HTML) 2 Page - Analog Devices

  AD8351ARMZ Datasheet HTML 1Page - Analog Devices AD8351ARMZ Datasheet HTML 2Page - Analog Devices AD8351ARMZ Datasheet HTML 3Page - Analog Devices AD8351ARMZ Datasheet HTML 4Page - Analog Devices AD8351ARMZ Datasheet HTML 5Page - Analog Devices AD8351ARMZ Datasheet HTML 6Page - Analog Devices AD8351ARMZ Datasheet HTML 7Page - Analog Devices AD8351ARMZ Datasheet HTML 8Page - Analog Devices AD8351ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
REV. B
–2–
AD8351–SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
GAIN = 6 dB, VOUT
≤ 1.0 V p-p
3,000
MHz
GAIN = 12 dB, VOUT
≤ 1.0 V p-p
2,200
MHz
GAIN = 18 dB, VOUT
≤ 1.0 V p-p
600
MHz
Bandwidth for 0.1 dB Flatness
0 dB
≤ GAIN ≤ 20 dB, VOUT ≤ 1.0 V p-p
200
MHz
Bandwidth for 0.2 dB Flatness
0 dB
≤ GAIN ≤ 20 dB, V
OUT
≤ 1.0 V p-p
400
MHz
Gain Accuracy
Using 1% Resistor for RG, 0 dB
≤ A
V
≤ 20 dB
±1dB
Gain Supply Sensitivity
VS
± 5%
0.08
dB/V
Gain Temperature Sensitivity
–40
°C to +85°C
3.9
mdB/
°C
Slew Rate
RL = 1 k
Ω, V
OUT = 2 V Step
13,000
V/ s
RL = 150
Ω, VS = 2 V Step
7,500
V/ s
Settling Time
1 V Step to 1%
<3
ns
Overdrive Recovery Time
VIN = 4 V to 0 V Step, VOUT
≤ ±10 mV
<2
ns
Reverse Isolation (S12)
–67
dB
INPUT/OUTPUT CHARACTERISTICS
Input Common-Mode
Voltage Adjustment Range
1.2 to 3.8
V
Max Output Voltage Swing
1 dB Compressed
4.75
V p-p
Output Common-Mode Offset
40
mV
Output Common-Mode Drift
–40
°C to +85°C
0.24
mV/
°C
Output Differential Offset Voltage
20
mV
Output Differential Offset Drift
–40
°C to +85°C
0.13
mV/
°C
Input Bias Current
±15
A
Input Resistance
1
5k
Ω
Input Capacitance
1
0.8
pF
CMRR
43
dB
Output Resistance
1
150
Ω
Output Capacitance
1
0.8
pF
POWER INTERFACE
Supply Voltage
3
5.5
V
PWUP Threshold
1.3
V
PWUP Input Bias Current
PWUP at 5 V
100
A
PWUP at 0 V
25
A
Quiescent Current
28
32
mA
(VS = 5 V, RL = 150
, RG = 110
(AV = 10 dB), f = 70 MHz, T = 25 C, parameters
specified differentially, unless otherwise noted .)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com