Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPSD301-B-70M Datasheet(PDF) 1 Page - STMicroelectronics

Part # ZPSD301-B-70M
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-70M Datasheet(HTML) 1 Page - STMicroelectronics

  ZPSD301-B-70M Datasheet HTML 1Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 2Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 3Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 4Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 5Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 6Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 7Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 8Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 85 page
background image
1/3
January 2002
PSD3XX ZPSD3XX ZPSD3XXV
PSD3XXR ZPSD3XXR ZPSD3XXRV
Low Cost Field Programmable Microcontroller Peripherals
FEATURES SUMMARY
s
Single Supply Voltage:
– 5 V±10% for PSD3xx, ZPSD3xx, PSD3xxR,
ZPSD3xxR
– 2.7 to 5.5 V for ZPSD3xxV, ZPSD3xxRV
s
Up to 1 Mbit of EPROM
s
Up to 16 Kbit SRAM
s
Input Latches
s
Programmable I/O ports
s
Page Logic
s
Programmable Security
Figure 1. Packages
PLDCC44 (J)
CLDCC44 (L)
PQFP44 (M)
TQFP44 (U)
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - ZPSD301-B-70M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ZPSD301-B-70M STMICROELECTRONICS-ZPSD301-B-70M Datasheet
512Kb / 85P
Low Cost Field Programmable Microcontroller Peripherals
31-Jan-2002
More results

Similar Description - ZPSD301-B-70M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD211R STMICROELECTRONICS-PSD211R Datasheet
348Kb / 51P
Low Cost Field Programmable Microcontroller Peripherals
31-Jan-2002
PSD4XX STMICROELECTRONICS-PSD4XX Datasheet
657Kb / 123P
Low Cost Field Programmable Microcontroller Peripherals
31-Jan-2002
PSD5XX STMICROELECTRONICS-PSD5XX Datasheet
1Mb / 153P
Low Cost Field Programmable Microcontroller Peripherals
31-Jan-2002
logo
Sipex Corporation
SP522 SIPEX-SP522 Datasheet
296Kb / 22P
Low-Cost Programmable Multi-Protocol Transceivers
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
Programmable Low-Cost USB Machine (PLUM)
logo
Sipex Corporation
SP522 SIPEX-SP522 Datasheet
200Kb / 23P
Low-Cost Programmable Multi-Protocol Transceivers
logo
NXP Semiconductors
PNX8526 PHILIPS-PNX8526 Datasheet
3Mb / 59P
Programmable source decoder with integrated peripherals
Rev. 01-6 October 2003
logo
STMicroelectronics
PSD3XX STMICROELECTRONICS-PSD3XX Datasheet
512Kb / 85P
Low Cost Field Programmable Microcontroller Peripherals
31-Jan-2002
ZPSD301B-70J STMICROELECTRONICS-ZPSD301B-70J Datasheet
1Mb / 85P
Low Cost Field Programmable Microcontroller Peripherals
31-Jan-2002
PSD813F2A-90JI STMICROELECTRONICS-PSD813F2A-90JI Datasheet
1Mb / 128P
Flash in-system programmable (ISP) peripherals
05-May-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com