Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPSD301-B-70M Datasheet(PDF) 21 Page - STMicroelectronics

Part # ZPSD301-B-70M
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-70M Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ZPSD301-B-70M Datasheet HTML 17Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 18Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 19Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 20Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 21Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 22Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 23Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 24Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
18
PSD3XX Family
10.
I/O Port
Functions
(cont.)
10.3 Port B (PB0-PB7)
The control registers of Port B are located in CSIOPORT space; see Table 5A and 5B.
10.3.1 Port B (PB0-PB7) in Multiplexed Address/Data Mode
Each pin of Port B can be individually configured. The following table summarizes what the
control registers (in CSIOPORT space) for Port B do:
NOTE: 1. Default value is the value after reset.
Default
Value
Register Name
0 Value
1 Value
(Note 1)
Port B Pin Register
Sampled logic level
Sampled logic level
X
at pin = ‘0’
at pin = ‘1’
Port B Direction Register
Pin is configured
Pin is configured
0
as input
as output
Port B Data Register
Data in DFF = ‘0’
Data in DFF = ‘1’
0
MCU I/O Mode
The default configuration of Port B is MCU I/O. In this mode, every pin can be set
(at run-time) as an input or output by writing to the respective pin’s direction flip-flop (DIR
FF, Figure 6). As an output, the pin level can be controlled by writing to the respective pin’s
data flip-flop (DFF, Figure 6). The Pin Register can be read to determine logic level of the
pin. The contents of the Pin Register indicate the true state of the PSD driving the pin
through the DFF or an external source driving the pin. Pins can be configured as CMOS
or open-drain using ST’s PSDsoft software. Open-drain pins require external pull-up
resistors.
Chip Select Output
Alternatively, each bit of Port B can be configured to provide a chip-select output signal
from PAD B. PB0-PB7 can provide CS0-CS7, respectively. The functionality of these pins is
not limited to chip selects only; they can be used for generic combinatorial logic as well.
Each of the CS0-CS3 signals is comprised of four product terms, and each of the CS4-CS7
signals is comprised of two product terms.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com