Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPSD301-B-70M Datasheet(PDF) 32 Page - STMicroelectronics

Part # ZPSD301-B-70M
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-70M Datasheet(HTML) 32 Page - STMicroelectronics

Back Button ZPSD301-B-70M Datasheet HTML 28Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 29Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 30Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 31Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 32Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 33Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 34Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 35Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
29
14.0
System
Applications
(cont.)
In Figure 13, the PSD3XX is configured to work directly with Intel’s 80C196KB
microcontroller, which is a 16-bit address/16-bit data bus processor. The Address and data
lines multiplexed. The PSD3XX is configured to use PC0, PC1, PC2, and A19/CSI as logic
inputs. These signals are independent of the ALE pulse (latch-transparent). They are used
as four general-purpose inputs that take part in the PAD equations.
Port A is configured to work in Track Mode, in which (for certain conditions) PA0–PA7 tracks
lines AD0/A0–AD7/A7. Port B is configured to generate CS0–CS7. In this example, PB2
serves as a WAIT signal that slows down the 80C196KB during the access of external
peripherals. These 8-bit wide peripherals are connected to the shared bus of Port A. The
WAIT signal also drives the buswidth input of the microcontroller, so that every external
peripheral cycle becomes an 8-bit data bus cycle. PB3 and PB4 are open-drain output
signals; thus, they are pulled up externally.
67
68
36
NMI
RxD
TxD
+5V
RST
66
XTAL1
AD[0 ..15]
AD[0 ..15]
XTAL2
3
43
64
14
16
NMI
READY
BUSWIDTH
CDE
RESET
6
5
7
4
11
10
8
9
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
18
17
15
44
42
39
33
38
P2.0/TXD
P2.1/RXD
P2.2/EXINT
P2.3/T2CLK
P2.4/T2RST
P2.5/PWM
P2.6/ T2 UP/DN
P2.7/ T2 CAPTR
AD0/A0
AD1/A1
AD2/A2
AD3/A3
AD4/A4
AD5/A5
AD6/A6
AD7/A7
AD8/A8
AD9/A9
AD10/A10
AD11/A11
AD12/A12
AD13/A13
AD14/A14
AD15/A15
21
20
19
18
17
16
15
14
11
10
9
8
7
6
5
4
PA0
PA1
PA2
PA3
PA4
PA5
PA6
PA7
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
AD0/A0
AD1/A1
AD2/A2
AD3/A3
AD4/A4
AD5/A5
AD6/A6
AD7/A7
AD8/A8
AD9/A9
AD10/A10
AD11/A11
AD12/A12
AD13/A13
AD14/A14
AD15/A15
AD0/A0
AD1/A1
AD2/A2
AD3/A3
AD4/A4
AD5/A5
AD6/A6
AD7/A7
AD8/A8
AD9/A9
AD10/A10
AD11/A11
AD12/A12
AD13/A13
AD14/A14
AD15/A15
23
24
25
26
27
28
29
30
31
32
33
35
36
37
38
39
40
41
42
43
1
2
22
13
3
PC0
PC1
PC2
A19/CSI
BHE /PSEN
WR/VPP
RD
ALE
RESET
24
25
26
27
HSI.0
HSI.1
HSI.2/HSO.4
HSI.3/HSO.5
13
37
12
2
VREF
VPP
ANGND
EA
19
20
21
22
23
30
31
32
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
65
41
40
61
62
63
28
29
34
35
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
P3.0/AD0
P3.1/AD1
P3.2/AD2
P3.3/AD3
P3.4/AD4
P3.5/AD5
P3.6/AD6
P3.7/AD7
P4.0/AD8
P4.1/AD9
P4.2/AD10
P4.3/AD11
P4.4/AD12
P4.5/AD13
P4.6/AD14
P4.7/AD15
CLKOUT
BHE / WRH
WR / WRL
RD
ALE /ADV
INST
HSO.0
HSO.1
HSO.2
HSO.3
0.1µF
0.1µF
FOUR
GENERAL
PURPOSE
INPUTS
GND GND
12
34
+5V
+5V
+5V
4.7K
Ω
4.7K
Ω
0.1µF
ALE
WAIT
SHARED
BUS
PORT 1
I/O PINS
44
VCC
VCC
VSS
VSS
ADDRESS/DATA
MULTIPLEXED BUS
80C196KB
PSD3XX
Figure 13. PSD3XX Interface With Intel’s 80C196KB
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com