Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPSD301-B-70M Datasheet(PDF) 46 Page - STMicroelectronics

Part # ZPSD301-B-70M
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-70M Datasheet(HTML) 46 Page - STMicroelectronics

Back Button ZPSD301-B-70M Datasheet HTML 42Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 43Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 44Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 45Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 46Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 47Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 48Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 49Page - STMicroelectronics ZPSD301-B-70M Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
43
NOTES:
1. ADi = any address line.
2. CSOi = any of the chip-select output signals coming through Port B (CS0–CS7) or through Port C (CS8–CS10).
3. Direct PAD input = any of the following direct PAD input lines: CSI/A19 as transparent A19, RD/E/DS, WR or
R/W, transparent PC0–PC2, ALE (or AS).
4. Control signals RD/E/DS or WR or R/W.
*-15 speed available only on ZPSD311V.
-15*
-20
-25
CMiser Turbo
Symbol
Parameter
On =
Off =
Unit
Min
Max
Min
Max
Min
Max
Add
Add
Track Mode Address
Propagation Delay:
50
60
60
0
0
ns
T23
CSADOUT1 Already True
Latched Address Outputs,
Port A
50
60
60
0
0
Track Mode Address
Propagation Delay:
T23A
CSADOUT1 Becomes True
70
80
90
0
20
ns
During ALE or AS
Track Mode Trailing Edge of
T24
ALE or AS to Address High-Z
50
60
60
0
0
ns
T25
Track Mode Read Propagation
Delay
45
55
60
0
0
ns
T26
Track Mode Read Hold Time
10
70
10
70
10
70
0
0
ns
T27
Track Mode Write Cycle,
Data Propagation Delay
45
55
60
0
0
ns
Track Mode Write Cycle,
T28
Write to Data Propagation Delay
8
65875
8
80
0
20
ns
Hold Time of Port A Valid
T29
During Write CSOi2 Trailing Edge
23
3
0
0
ns
T30
CSI Active to CSOi2 Active
9
70
9
80
9
90
0
0
ns
T31
CSI Inactive to CSOi2 Inactive
9
70
9
80
9
90
0
0
ns
T32
Direct PAD Input3 as Hold Time
0
0
0
0
0
ns
T33
R/W Active to E or DS Start
30
40
50
0
0
ns
T34
E or DS End to R/W
30
40
50
0
0
ns
T35
AS Inactive to E high
0
0
0
0
0
ns
T36
Address to Leading Edge
of Write
30
35
40
0
0
ns
18.8 Timing Parameters – ZPSD3XXV (3 V devices only) (cont.)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com