Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP125ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP125ACPZ-R7
Description  5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP125ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP125ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP125ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP125ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP125ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP125ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP125ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP125ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP125ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP125ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
5.5 V Input, 500 mA, Low Quiescent
Current, CMOS Linear Regulators
Data Sheet
ADP124/ADP125
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2009–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Input voltage supply range: 2.3 V to 5.5 V
500 mA maximum output current
Fixed and adjustable output voltage versions
1% initial accuracy
Up to 31 fixed-output voltage options available
from 1.75 V to 3.3 V
Adjustable-output voltage range from 0.8 V to 5.0 V
Very low dropout voltage: 130 mV
Low quiescent current: 45 µA
Low shutdown current: <1 µA
Excellent PSRR performance: 60 dB at 100 kHz
Excellent load/line transient response
Optimized for small 1.0 μF ceramic capacitors
Current limit and thermal overload protection
Logic controlled enable
Compact 8-lead exposed paddle MSOP and LFCSP packages
APPLICATIONS
Digital camera and audio devices
Portable and battery-powered equipment
Automatic meter reading (AMR) meters
GPS and location management units
Medical instrumentation
Point of load power
TYPICAL APPLICATION CIRCUITS
2
4
1
5
8
VOUT = 3.3V
VIN = 5.5V
VOUT
VOUT
VIN
VOUT
SENSE
NC
GND
VIN
EN
C2
C1
ADP124
OFF
ON
7
3
6
Figure 1. ADP124 with Fixed Output Voltage
2
4
1
5
8
VOUT = 3.3V
VIN = 5.5V
VOUT
VOUT
VIN
ADJ
NC
GND
VIN
EN
C2
R1
R2
C1
ADP125
7
3
6
OFF
ON
Figure 2. ADP 125 with Adjustable Output Voltage
GENERAL DESCRIPTION
The ADP124/ADP125 are low quiescent current, low dropout
linear regulators. They are designed to operate from an input
voltage between 2.3 V and 5.5 V and to provide up to 500 mA
of output current. The low 130 mV dropout voltage at a 500 mA
load improves efficiency and allows operation over a wide input
voltage range.
The low 210 μA of quiescent current with a 500 mA load makes the
ADP124/ADP125 ideal for battery-operated portable equipment.
The ADP124 is capable of 31 fixed-output voltages from 1.75 V
to 3.3 V. The ADP125 is the adjustable version of the device and
allows the output voltage to be set between 0.8 V and 5.0 V by
an external voltage divider.
The ADP124/ADP125 are specifically designed for stable operation
with tiny 1 µF ceramic input and output capacitors to meet the
requirements of high performance, space constrained applications.
The ADP124/ADP125 have an internal soft start that gives a
constant start-up time of 350 µs. Short-circuit protection and
thermal overload protection circuits prevent damage in adverse
conditions. The ADP124/ADP125 are available in 8-lead
exposed paddle MSOP and LFCSP packages. When compared
with the standard MSOP and LFCSP packages, the exposed
paddle MSOP and LFCSP packages have lower thermal resistance
JA). The lower thermal resistance package allows the ADP124/
ADP125 to meet the needs of a variety of portable applications
while minimizing the rise in junction temperature.


Similar Part No. - ADP125ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP125ACPZ-R7 AD-ADP125ACPZ-R7 Datasheet
632Kb / 20P
5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
More results

Similar Description - ADP125ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP121 AD-ADP121 Datasheet
986Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP122 AD-ADP122 Datasheet
616Kb / 20P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP124 AD-ADP124 Datasheet
676Kb / 20P
5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. 0
ADP160 AD-ADP160_12 Datasheet
528Kb / 24P
Ultralow Quiescent Current, 150 mA, CMOS Linear Regulators
Rev. G
ADP170 AD-ADP170 Datasheet
538Kb / 20P
300 mA, Low Quiescent Current, CMOS Linear Regulators
REV. B
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP124ACPZ-1.8-R7 AD-ADP124ACPZ-1.8-R7 Datasheet
632Kb / 20P
5.5 V Input, 500 mA, Low Quiescent Current, CMOS Linear Regulators
REV. C
ADP121-AUJZ12R7 AD-ADP121-AUJZ12R7 Datasheet
667Kb / 20P
150 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. G
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_16 Datasheet
1Mb / 27P
500-mA Low-Dropout CMOS Linear Regulators Stable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com