Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMUSIC2 Datasheet(PDF) 3 Page - Future Technology Devices International Ltd.

Part # VMUSIC2
Description  BINDING USB TECHNOLOGIES Vinculum VNC1L Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VMUSIC2 Datasheet(HTML) 3 Page - Future Technology Devices International Ltd.

  VMUSIC2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 8Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VMusic2 Vinculum VNC1L Module
Datasheet Version 0.98
© Future Technology Devices International Ltd. 2007
Page 
2.1 VMusic2 Pin Out
2. Pin Out
Figure 1 � VMusic2 �in �ut � ����T inter�ace.
Ta�le 1 � �ort �election �umper �ins
UART/SPI
I/O Mode
�ull��p
�erial ����T
�ull�Down
��I
2.2 UART Interface Signal Descriptions
Ta�le 2 � Data and Control ��us �ignal Mode �ptions � ����T Inter�ace
Pin No.
Name
Type
Description
1
GN�
�W�
�ignal ground
2
R�S#
�utput
�equest To �end Control �utput / Handshake signal
��
�V0
�W�
�V supply input
4
�XD
Input
�eceive asynchronous data input
�
TXD
�utput
Transmit asynchronous data output
6
C�S#
Input
Clear To �end Control Input / Handshake signal
7
NC
�
No Connect
8
RI#
Input
�ing Indicator Control Input. �sed to resume the Vinculum �rom suspend.
Line Out Right
Line Out Left
GND
2 RTS#
6 CTS#
5 TXD
4 RXD
1 GND
VMUSIC2
USB Flash Drive
interface
3 5V0
8 RI#
3V3OUT
GND
UART/SPI
Power / Traffic Indicator
bi-colour LED
3.5mm Stereo audio
jack



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com