Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMUSIC2 Datasheet(PDF) 5 Page - Future Technology Devices International Ltd.

Part # VMUSIC2
Description  BINDING USB TECHNOLOGIES Vinculum VNC1L Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VMUSIC2 Datasheet(HTML) 5 Page - Future Technology Devices International Ltd.

  VMUSIC2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 8Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VMusic2 Vinculum VNC1L Module
Datasheet Version 0.98
© Future Technology Devices International Ltd. 2007
Page 
checked to see i� the data read was accepted. �� �0� level on ��I Data �ut means that the data write was accepted. ��
�1� indicates that the internal �u��er is �ull�� and the write should �e repeated. �emem�er that C� must �e held low �or at
least one clock period �e�ore �eing taken high again to continue with the ne�t read or write cycle.
Figure 4 � ��I �lave Data Timing Diagrams
T1
T2
T3
T4
T5
T6
T7
SPICLK
SPICS /
SPI DATA IN
SPI DATA OUT
Ta�le 4 � ��I �lave Data Timing
Time
Description
Min
Typical Max
Unit
T1
��ICLK �eriod
8��
�
�
ns
T2
��ICLK High
20
�
�
ns
T��
��ICLK Low
20
�
�
ns
T4
Input �etup Time
10
�
�
ns
T�
Input Hold Time
10
�
�
ns
T6
�utput Hold Time
2
�
�
ns
T7
�utput Valid Time
�
�
20
ns
Ta�le � � �tatus �egister (��DD = �1�)
Bit
Description
0
RXF#
1
�X�#
2
�
��
�
4
RXFIRQ��
�
�X�IRQ��
6
�
7
�



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com