Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMUSIC2 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # VMUSIC2
Description  BINDING USB TECHNOLOGIES Vinculum VNC1L Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VMUSIC2 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

  VMUSIC2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 8Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
VMusic2 Vinculum VNC1L Module
Datasheet Version 0.98
© Future Technology Devices International Ltd. 2007
Page 
Figure 6 � M��� play�ack using VMusic2 controlled �y a �IC MC�
��y adding a �IC microcontroller and a �ew other components�� the VMusic2 module can �e used to play�ack audio
���������������SBfl��h���k�F�g5�h����h����h�����������h������p���pp����������F���p��hb���������
connected to the inputs on the �IC. There �uttons are used to control play / pause / continue / stop / skip �orward /
skip �ack / volume up and volume down. The Microchip �IC code is written using the standard VD��� music play�ack
commands�� and is availa�le on request �rom FTDI.
C�������h������������������������������h��������������������h������������������by�h��M�����2�����������g�h�
audio play�ack commands.
4. Application Example - VMUSIC2 to PIC Micro Interface
RTS#
CTS#
TXD
RXD
GND
5V0
VDD
RA5
RA4
MCLR#
RX
TX
RC3
GND
ICSPDAT
ICSPCLK
RA2
RC0
RC1
RC2
PIC16F688
CTS#
TXD
RXD
RTS#
100nF
10uF
+
5V0
GND
GND
GND
20 MHz
10pF
10pF
VMUSIC2
Line Out Right
Line Out Left
GND
VMUSIC2
USB Flash Drive
interface
8 RI#
Power / Traffic Indicator
bi-colour LED
3.5mm Stereo audio
jack
5V0
RA1
RA2
RC0
RC1
RA1
RA2
RC0
RC1
GND
Skip Forward
Skip Back
Stop
Play/Pause/Continue
47k
47k
47k
47k



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com