Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VMUSIC2 Datasheet(PDF) 6 Page - Future Technology Devices International Ltd.

Part # VMUSIC2
Description  BINDING USB TECHNOLOGIES Vinculum VNC1L Module
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VMUSIC2 Datasheet(HTML) 6 Page - Future Technology Devices International Ltd.

  VMUSIC2 Datasheet HTML 1Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 2Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 3Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 4Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 5Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 6Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 7Page - Future Technology Devices International Ltd. VMUSIC2 Datasheet HTML 8Page - Future Technology Devices International Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VMusic2 Vinculum VNC1L Module
Datasheet Version 0.98
© Future Technology Devices International Ltd. 2007
Page 
3. VMUSIC2 Dimensions
F�g���5-��RI��2�����h������������������
Fully detailed mechanical drawings �or the VMusic2 enclosure are availa�le on request �rom FTDI technical support.
2.0 mm /
0.08"
0.44 mm /
0.02"
Back
17.4 mm /
0.69"
7.70 mm /
0.30"
Side
42.1mm / 1.66"
Front
67.0mm / 2.64"
21.0mm
/ 0.83"
4.20 mm /
0.17"
Bottom
2.50 mm /
0.10"
0.70 mm /
0.03"
1.65 mm /
0.06"
Top
60.00 mm /
2.36"



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com