Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4313 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP4313
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4313 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP4313 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
May 2010 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
Data Sheet
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313
Parameter
Symbol
Value
Unit
Power Supply Voltage
VCC
20
V
Input Voltage
VIN
-0.3 to VCC
V
Junction Temperature
TJ
150
oC
Storage Temperature
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 5sec)
TLEAD
260
oC
Package Thermal Resistance (Junction to Case)
θJC
92
oC/W
Note 1: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated
under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended periods
may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Power Supply Voltage
VCC
2.5
18
V
Operating Temperature Range
TA
-40
105
oC
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com