Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4313 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP4313
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4313 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP4313 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
May 2010 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
Data Sheet
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313
Functional Block Diagram
Figure 3. Functional Block Diagram of AP4313
Package
Temperature Range
Part Number
Marking ID
Packing Type
SOT-23-6
-40 to 105oC
AP4313KTR-G1
G6G
Tape & Reel
Circuit Type
Package
K: SOT-23-6
AP4313
-
TR: Tape and Reel
Ordering Information
VCC
VOUT
GND
VSENSE
ICTRL
1.210V
200mV
1
2
3
4
5
6
VCTRL
G1: Green
BCD Semiconductor's products, as designated with "G1" suffix in the part number, are RoHS compliant and Green.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com