Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4313 Datasheet(PDF) 6 Page - BCD Semiconductor Manufacturing Limited

Part # AP4313
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4313 Datasheet(HTML) 6 Page - BCD Semiconductor Manufacturing Limited

Back Button AP4313 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
May 2010 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
Data Sheet
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313
Typical Performance Characteristics
Figure 4. VREF vs. Ambient Temperature
Figure 5. VSENSE vs. Ambient Temperature
Figure 6. VCTRL Pin Input Bias Current vs.
Figure 7. ICTRL Pin Input Bias Current vs.
Ambient Temperature
Ambient Temperature
-40
-20
0
20
40
60
80
100
120
1.195
1.200
1.205
1.210
1.215
1.220
1.225
Ambient Temperature (
oC)
-40
-20
0
2040
6080
100
120
195
196
197
198
199
200
201
202
V
CC=12V
V
CC=5V
V
CC=2.5V
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
15
20
25
30
35
40
V
CC=12V
V
CC=5V
V
CC=2.5V
Ambient Temperature (
oC)
-40
-20
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
V
CC=12V
V
CC=5V
V
CC=2.5V
Ambient Temperature (
oC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com