Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP4313 Datasheet(PDF) 5 Page - BCD Semiconductor Manufacturing Limited

Part # AP4313
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP4313 Datasheet(HTML) 5 Page - BCD Semiconductor Manufacturing Limited

  AP4313 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP4313 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313
5
May 2010 Rev. 2. 0
BCD Semiconductor Manufacturing Limited
Data Sheet
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
TOTAL CURRENT CONSUMPTION
Total Supply Current
Not Including the Output Sinking
Current
ICC
0.6
1.2
mA
VOLTAGE CONTROL LOOP
Transconduction Gain (VCTRL).
Sink Current Only
Gmv
1
3.5
mA/mV
Voltage Control Loop Reference
VREF
1.198
1.21
1.222
V
Input Bias Current (VCTRL)IIBV
50
nA
CURRENT CONTROL LOOP
Transconduction Gain (ICTRL).
Gmi
1.5
7
mA/mV
Current Control Loop Reference
VSENSE
IOUT=2.5mA
196
200
204
mV
Current Out of Pin ICTRL at
-200mV
IIBI
25
µA
OUTPUT STAGE
Low Output Voltage at 10mA
Sinking Current
VOL
200
mV
Output Short Circuit Current.
Output to VCC. Sink Current Only
IOS
27
50
mA
(VCC=5V, TA=25oC, unless otherwise specified.)
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com