Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSOC400RT Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # FSOC400RT
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC400RT Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  FSOC400RT Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
CG01-I
251
EMI LEADED FILTERS
EMI SUPPRESSION FILTER
COMPACT DISC-TYPE
DS306 & DSS306 Series
DIMENSIONS: mm
TYPICAL INSERTION LOSS CHARACTERISTICS
DS306-55 Series
Fig. 1
DS306-55 Series
Fig. 4
DSS306-55 Series
Fig. 2
DSS306-55 Series
Fig. 5
DSS306-351 Series
Fig. 3
DSS306-351 Series
Fig. 6
7.0 max.
2.54 max.
8.0 max.
3 x 0.8D.
Mounting Hole
Mounting Hole
Mounting Hole
0
20
40
60
80
100
120
103
222
102
271
101
470
330
0.1
1
10
100
1000
Frequency (MHz)
0
20
40
60
80
100
120
220
223
330
220
103
222
102
471
271
151
101
470
221
0.1
1
10
100
1000
Frequency (MHz)
0
20
40
60
80
100
120
220
221
151
330
223
103
222
102
471
271
101
470
0.1
1
10
100
1000
Frequency (MHz)
2.5 ± 0.2
0.6D.
25.0 min.
F1: 2.5 ± 0.5
5.0 ± 0.5
F1 F1
7.0 max.
2.54 max.
8.0 max.
10.0 max.
3 x 0.8D.
2.5 ± 0.2
0.6D.
25.0 min.
F1: 2.5 ± 0.5
5.0 ± 0.5
F1
8.0 max.
2.54 max.
7.0 max.
3 x 0.8D.
2.5 ± 0.2
0.6D.
25.0 min.
F1: 2.5 ± 0.5
5.0 ± 0.5
F1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com