Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSOC400RT Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # FSOC400RT
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC400RT Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button FSOC400RT Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
254
CG01-I
EMI LEADED FILTERS
EMI SUPPRESSION FILTERS
TAPE & REEL
DS 306, DS 310/310H Series
DST
310 –
55
Y5S
271
M
100
T = Ferrite Bead Outside Series 55 = Bulk Pkg. Temp. Cap.
Tolerance Rated
S = Ferrite Bead Inside
9
= Tape
Char.
Value
Voltage
(See Chart)
TAPING CODES
*Three types of H dimensions (lead length) are available for various types
of insertion machines.
PART NUMBERING, DS306 & DSS310 SERIES
TAPE DIMENSIONS: mm
PACKAGING TYPE AND NUMBERS
Code
H
Straight Leads
Crimped Leads
Tape & Reel
91
—
20.0
92
421
16.5
93
431
18.5
Item
Code Dimensions: mm
Remarks
Taping Pitch
P
12.7
Product Inclination
S Determines Tolerance
Guide Pitch
P
0
12.7 ± 0.2
Hole Center to Lead
P
1
3.85 ± 0.7
Hole Center to
P
2
6.35 ±1.3
Shift in Tape in
Component Center
Direction of Feed
7.0 [9.5]
DS max.
[ ]......
Diameter of Body
D
8.0 [9.5]
DST max.
DS
310
8.0 [12]
DSS max.
Series
Deviation of Body Center
S
0 ± 1.0
Width of Base Tape
W
18.0 ± 0.5
Feed Hole Position to
W
1
9.0
Tape Widthwise Shift
Capacitor Lead
Protrusion Length
+0.5 to –1.0
Diameter of Feed Hole
D
0
4.0 ± 0.1
Diameter of Lead
d
0.6
Total Thickness of Tape
t
1
0.7 ± 0.2
Includes Thickness
t
2
1.5 max.
of Bonding Tape
Deviation Across Tape
h
1
1.0 max.
h
2
1.0 max.
Length of Snipped Lead
L
11.0
Width of Hold Position
W
0
12.0 ± 0.5
Hold-down Tape Position
W
2
1.5 ± 1.5
Lead Distance Between
H
18.5 ± 1.0
16.5 & 20.0mm Lengths
Reference and Bottom Planes
are also available
Lead Spacing
F
5.0
F
1
2.5
+0
–0.5
+0
–1.0
+0.8
–0.2
+0.4
–0.2
Part Number
Quantity (Pcs.)
Flat Pack
Reel
DS
306 Series
2000
—
DS310/310H Series
2000
—
DST310/310H Series
—
1000
DSS310/310H Series
—
800
Non Standard
DS306-91 Type
DS310-91 Type
DSS310-91 Type
(Taping for DSS type is only DSS310-91 Type)
DST310-91 Type
DSS306-91 Type
DSS306-431 Type
W
W1
W2
W1
F1
F1
P0
P2
D0
P
F
H
*8.0 max.
**11.0 max.
*2.54 max.
**4.0 max.
d
D
S
h1
t1
t2
h2
L
W
W1
W2
W0
F1
F1
P0
P2
P1
P1
D0
P
F
H
W
W1
W2
W0
F1
P0
P2
D0
P
F
H
7.0 max.
2.54 max.
d
D
S
h1
t1
t2
h2
L
P1
W
W1
W2
W0
F1
P0
P2
D0
P
F
H
10.0 max.
2.54 max.
d
D
S
h1
t1
t2
h2
L
P1
W
W1
W2
W0
F1
P0
P2
D0
P
F
F1
H
11.0 max.
7.5 max.
d
D
S
h1
t1
t2
h2
L
P1
15.5 max.
4.0 max.
d
D
S
h1
t1
t2
h2
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com