Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSOC400RT Datasheet(PDF) 16 Page - Murata Manufacturing Co., Ltd.

Part # FSOC400RT
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC400RT Datasheet(HTML) 16 Page - Murata Manufacturing Co., Ltd.

Back Button FSOC400RT Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
PLT0R53C
PLT2003C
PLT1R53C
262
CG01-I
EMI LEADED FILTERS
EMI SUPPRESSION FILTERS
DC COMMON MODE CHOKE COIL
PLT Series
Compact, lightweight, common mode choke coil for DC power
supplies for common mode noise suppression from several
MHz to several hundred MHz.
FEATURES
s Ideal for suppression of common mode noise in high
frequencies ranging from several MHz to several
hundred MHz.
s PCB mount type makes mounting simple.
s Only negligible influence on 10MHz high frequency signals
(PLT0R53C only).
APPLICATIONS
To meet FCC regulations on digital equipment such as
computers and computer terminal equipment.
To meet VDE regulations on hand-held digital appliances
using AC adapters (suppression of unwanted radiation
from power cords).
Suppression of radiated noise from cable between AC
adapters and sets.
Suppression of radiated noise from DC power supply and
interface cables.
DIMENSIONS: mm
PART NUMBERING SYSTEM
PLT
1R5
3
C
SERIES
INDUCTANCE
RATED
STYLE
CURRENT
TYPES
Part Number
Inductance
Self-resonance
Marking
( H) min.
Frequency (MHz)*
Code
‚PLT0R53C
0.5
1000 min.
B
‚PLT1R53C
1.5
250
A
‚PLT2003C
20.0
10
C
SPECIFICATIONS
Item
Rating
Rated Voltage
50VDC
Rated Current
3A
Withstand Voltage
125VDC (1 to 5 seconds)
Operating Temp. Range
–25°C to +60°C
TYPICAL INSERTION LOSS CHARACTERISTICS
0.1 0.2
0.5
1
2
5
10
20
50
100 200
500 1000
Frequency (MHz)
0
5
10
15
20
25
‚Available as standard through authorized Murata Electronics Distributors.
*Typical Value
Symbol
0.7 Dia.
10.0 ± .5
7.5 ± .5
4.0 ± 1.0
Digital Equipment
Micro Computer Equipment
Power Supply +
Signal 1
Signal 2
+ 5V
GND
+ 12V
GND
Interface
Cable
PLT
PLT
PLT
AC Adapter
PLT
+
12.5 ± .5 max.
12.0 max.
10.0 max.
N1 : N2 = 1 : 1
N1
N2
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com