Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSOC400RT Datasheet(PDF) 22 Page - Murata Manufacturing Co., Ltd.

Part # FSOC400RT
Description  FERRITE BEAD INDUCTORS, EMI SUPPRESSION FILTER COMPACT DISC-TYPE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

FSOC400RT Datasheet(HTML) 22 Page - Murata Manufacturing Co., Ltd.

Back Button FSOC400RT Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 18Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 19Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 20Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 21Page - Murata Manufacturing Co., Ltd. FSOC400RT Datasheet HTML 22Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
EMI LEADED FILTERS
FERRITE PRODUCTS
FSOC Series
The unique FSOC ferrite cores provide high frequency
EMI noise suppression for split and flat cables and find
wide application in computers and peripherals to several
hundreds of MHz. They are exceptionally easy to install
and extremely effective.
FEATURES
s Extremely effective EMI noise prevention
s Wide application in data processing equipment
s Simple installation
s No soldered connections
FS
OC
24
0
RT
SOFT
SHAPE
DIAMETER
VARIATION
MATERIAL
FERRITE
OC = Flat Cable Core
“A” in mm
PART NUMBERING SYSTEM
268
CG01-I
FLAT CABLE CORES
200
100
50
10
1
5
10
50
100
500
Frequency (MHz)
FSOC270RN
FSOC600RN
FSOC240RT
FSOC400RT
FSOC290PB
FSOC410RN
Part Number
Impedance
(Ohms) (100MHz)
FSOC240RT
77
FSOC270RN
60
FSOC290PB
62
FSOC400RT
80
FSOC410RN
70
FSOC600RN
72
DIMENSIONS: mm
SPECIFICATIONS
18.8 ± 0.5
23.8 ± 0.6
6.3
15.0 ± 0.4
1.1
8.05
2.15
22.25
27.0
12.4
8.7
2.3
24.04
29.2
16.18
40.0 ± 1.0
4
35.0 ± 1.0
0.5
35.0
15.0
41.2
1.5
7.7
1.9
60.0
12.7
12.0
48.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com