Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN6501DBVT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVT
Description  Transformer Driver for Isolated Power Supplies
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVT Datasheet(HTML) 17 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 13Page - Texas Instruments SN6501DBVT Datasheet HTML 14Page - Texas Instruments SN6501DBVT Datasheet HTML 15Page - Texas Instruments SN6501DBVT Datasheet HTML 16Page - Texas Instruments SN6501DBVT Datasheet HTML 17Page - Texas Instruments SN6501DBVT Datasheet HTML 18Page - Texas Instruments SN6501DBVT Datasheet HTML 19Page - Texas Instruments SN6501DBVT Datasheet HTML 20Page - Texas Instruments SN6501DBVT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Q
VIN
VF
RL
RDS
VDS
VDO
VP
VI
VO
VS
.
min
min
3.6 V
Vt
= 7.2 Vμs
for 3.3 V, and
2
250 kHz
5.5 V
Vt
= 9.1 Vμs for 5 V applications
2
300 kHz
³
´
³
´
max
IN-max
min
IN-max
min
T
V
Vt
V
=
2
2
f
³
´
´
SN6501
www.ti.com
SLLSEA0E – FEBRUARY 2012 – REVISED JANUARY 2013
TRANSORMER SELECTION
V-t Product Calculation
To prevent a transformer from saturation its V-t product must be greater than the maximum V-t product applied
by the SN6501. The maximum voltage delivered by the SN6501 is the nominal converter input plus 10%. The
maximum time this voltage is applied to the primary is half the period of the lowest frequency at the specified
input voltage. Therefore, the transformer’s minimum V-t product is determined through:
(1)
Inserting the numeric values from the data sheet into the equation above yields the minimum V-t products of
(2)
Common V-t values for low-power center-tapped transformers range from 22 V
μs to 150 Vμs with typical
footprints of 10 mm x 12 mm. However, transformers specifically designed for PCMCIA applications provide as
little as 11 V
μs and come with a significantly reduced footprint of 6 mm x 6 mm only.
While Vt-wise all of these transformers can be driven by the SN6501, other important factors such as isolation
voltage, transformer wattage, and turns ratio must be considered before making the final decision.
Turns Ratio Estimate
Assume the rectifier diodes and linear regulator has been selected. Also, it has been determined that the
transformer choosen must have a V-t product of at least 11 V
μs. However, before searching the manufacturer
websites for a suitable transformer, the user still needs to know its minimum turns ratio that allows the push-pull
converter to operate flawlessly over the specified current and temperature range. This minimum transformation
ratio is expressed through the ratio of minimum secondary to minimum primary voltage multiplied by a correction
factor that takes the transformer’s typical efficiency of 97% into account:
VP-min = VIN-min - VDS-max
(3)
VS-min must be large enough to allow for a maximum voltage drop, VF-max, across the rectifier diode and still
provide sufficient input voltage for the regulator to remain in regulation. From the LDO SELECTION section, this
minimum input voltage is known and by adding VF-max gives the minimum secondary voltage with:
VS-min = VF-max + VDO-max + VO-max
(4)
Figure 50. Establishing the Required Minimum Turns Ratio Through nmin = 1.031 × VS-min / VP-min
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com