Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN6501DBVT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVT
Description  Transformer Driver for Isolated Power Supplies
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVT Datasheet(HTML) 5 Page - Texas Instruments

  SN6501DBVT Datasheet HTML 1Page - Texas Instruments SN6501DBVT Datasheet HTML 2Page - Texas Instruments SN6501DBVT Datasheet HTML 3Page - Texas Instruments SN6501DBVT Datasheet HTML 4Page - Texas Instruments SN6501DBVT Datasheet HTML 5Page - Texas Instruments SN6501DBVT Datasheet HTML 6Page - Texas Instruments SN6501DBVT Datasheet HTML 7Page - Texas Instruments SN6501DBVT Datasheet HTML 8Page - Texas Instruments SN6501DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TP1
0
10
20
30
40
50
60
70
80
90
I
- mA
LOAD
0
10
20
30
40
50
60
70
90
80
100
T1 =
(Wurth Electronics Midcom)
V
= 3.3 V, V
= 5 V
Unregulated output
IN
OUT
760390013
I
- mA
LOAD
TP1
0
1
2
3
4
5
6
0
10
20
30
40
50
60
70
90
80
100
T1 =
(Wurth Electronics Midcom)
V
= 3.3 V, V
= 5 V
Unregulated output
760390013
IN
OUT
TP1
0
10
20
30
40
50
60
70
80
90
I
- mA
LOAD
0
10
20
30
40
50
60
70
90
80
100
T1 =
(Wurth Electronics Midcom)
V
= 3.3 V, V
= 3.3 V
Unregulated output
760390011
IN
OUT
I
- mA
LOAD
TP1
0
1
2
3
4
5
6
0
10
20
30
40
50
60
70
90
80
100
T1 =
(Wurth Electronics Midcom)
V
= 3.3 V, V
= 3.3 V
Unregulated output
760390011
IN
OUT
0
10
20
30
40
50
60
70
80
90
TP1
0
10
20
30
40
50
60
70
80
90
100
T1 =
(Wurth Electronics Midcom)
V
= 5 V, V
= 5 V
Unregulated output
IN
OUT
760390012
I
- mA
LOAD
Tp1
I
- mA
LOAD
0
1
2
3
4
5
6
0
10
20
30
40
50
60
70
80
90
100
T1 =
(Wurth Electronics Midcom)
V
= 5 V, V
= 5 V
Unregulated output
760390012
IN
OUT
SN6501
www.ti.com
SLLSEA0E – FEBRUARY 2012 – REVISED JANUARY 2013
TYPICAL OPERATING CHARACTERISTICS
Typical Curves in Figure 3 through Figure 8 are measured with Circuit in Figure 51 at TP1; whereas, Typical Curves in
Figure 9 through Figure 38 are measured with Circuit in Figure 52 at TP1 and TP2 (TA = 25°C unless otherwise noted).
See Table 2 and Table 3 for Transformer Specifications.
Figure 3. Output Voltage vs. Load Current
Figure 4. Efficiency vs Load Current
Figure 5. Output Voltage vs Load Current
Figure 6. Efficiency vs Load Current
Figure 7. Output Voltage vs Load Current
Figure 8. Efficiency vs Load Current
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com