Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN6501DBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVT
Description  Transformer Driver for Isolated Power Supplies
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 9Page - Texas Instruments SN6501DBVT Datasheet HTML 10Page - Texas Instruments SN6501DBVT Datasheet HTML 11Page - Texas Instruments SN6501DBVT Datasheet HTML 12Page - Texas Instruments SN6501DBVT Datasheet HTML 13Page - Texas Instruments SN6501DBVT Datasheet HTML 14Page - Texas Instruments SN6501DBVT Datasheet HTML 15Page - Texas Instruments SN6501DBVT Datasheet HTML 16Page - Texas Instruments SN6501DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
f
OSC
S
S
G
1
G
2
Q
1
Q
2
Vcc
GND
GND
D2
SN6501
D1
S
S
G2
G1
fOSC
Freq.
Divider
OSC
BBM
Logic
Q1
Q2
Q1 on
Q2 on
Q2 off
tBBM
Q1 off
SN6501
www.ti.com
SLLSEA0E – FEBRUARY 2012 – REVISED JANUARY 2013
APPLICATION INFORMATION
The SN6501 is a transformer driver designed for low-cost, small form-factor, isolated DC-DC converters utilizing
the push-pull topology. The device includes an oscillator that feeds a gate-drive circuit. The gate-drive,
comprising a frequency divider and a break-before-make (BBM) logic, provides two complementary output
signals which alternately turn the two output transistors on and off.
Figure 45. SN6501 Block Diagram and Output Timing with Break-Before-Make Action
The output frequency of the oscillator is divided down by an asynchronous divider that provides two
complementary output signals, S and S, with a 50% duty cycle. A subsequent break-before-make logic inserts a
dead-time between the high-pulses of the two signals. The resulting output signals, G1 and G2, present the gate-
drive signals for the output transistors Q1 and Q2. As shown in Figure 46, before either one of the gates can
assume logic high, there must be a short time period during which both signals are low and both transistors are
high-impedance. This short period, known as break-before-make time, is required to avoid shorting out both ends
of the primary.
Figure 46. Detailed Output Signal Waveforms
PUSH-PULL CONVERTER
Push-pull converters require transformers with center-taps to transfer power from the primary to the secondary
(see Figure 47).
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com