Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN6501DBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN6501DBVT
Description  Transformer Driver for Isolated Power Supplies
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN6501DBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN6501DBVT Datasheet HTML 3Page - Texas Instruments SN6501DBVT Datasheet HTML 4Page - Texas Instruments SN6501DBVT Datasheet HTML 5Page - Texas Instruments SN6501DBVT Datasheet HTML 6Page - Texas Instruments SN6501DBVT Datasheet HTML 7Page - Texas Instruments SN6501DBVT Datasheet HTML 8Page - Texas Instruments SN6501DBVT Datasheet HTML 9Page - Texas Instruments SN6501DBVT Datasheet HTML 10Page - Texas Instruments SN6501DBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
0
10
20
30
40
50
60
70
I
- mA
LOAD
0
1
2
3
4
5
6
7
8
9
10
TP1
TP2
T1 =
(
)
750310995 Wurth Electronics Midcom
V
= 3.3 V, V
IN
OUT = 5 V
LDO = TPS76350
0
10
20
30
40
50
60
70
80
90
0
10
20
30
40
50
60
70
I
- mA
LOAD
TP1
TP2
T1 =
(
)
750310995 Wurth Electronics Midcom
VIN = 3.3 V, V
= 5 V
OUT
LDO = TPS76350
0
20
40
60
70
90
100
I
- mA
LOAD
0
10
20
30
40
50
60
70
80
90
10
30
50
80
TP1
TP2
T1 =
(
)
750310999 Wurth Electronics Midcom
V
= 3.3 V, V
IN
OUT = 3.3 V
LDO = TPS76333
0
10
40
60
70
90
100
I
- mA
LOAD
0
1
2
3
4
5
6
TP1
TP2
80
50
20
30
T1 =
(
)
750310999 Wurth Electronics Midcom
V
= 3.3 V, V
IN
OUT = 3.3 V
LDO = TPS76333
0
40
80
120
160
200
240
I
- mA
LOAD
0
1
2
3
4
5
6
7
8
TP1
TP2
T1 =
(
)
750310999 Wurth Electronics Midcom
VIN = 5 V, VOUT = 5 V
LDO = TPS73250
0
40
80
120
160
200
240
I
- mA
LOAD
0
10
20
30
40
50
60
70
80
TP1
TP2
90
T1 =
(
)
750310999 Wurth Electronics Midcom
V
= 5 V, V
IN
OUT = 5 V
LDO = TPS73250
SN6501
www.ti.com
SLLSEA0E – FEBRUARY 2012 – REVISED JANUARY 2013
TYPICAL OPERATING CHARACTERISTICS (continued)
Typical Curves in Figure 3 through Figure 8 are measured with Circuit in Figure 51 at TP1; whereas, Typical Curves in
Figure 9 through Figure 38 are measured with Circuit in Figure 52 at TP1 and TP2 (TA = 25°C unless otherwise noted).
See Table 2 and Table 3 for Transformer Specifications.
Figure 15.
Figure 16.
Figure 17.
Figure 18.
Figure 19. Output Voltage vs Load Current
Figure 20. Efficiency vs Load Current
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links :SN6501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com