Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39D Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 39D
Description  Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

39D Datasheet(HTML) 6 Page - Vishay Siliconix

  39D Datasheet HTML 1Page - Vishay Siliconix 39D Datasheet HTML 2Page - Vishay Siliconix 39D Datasheet HTML 3Page - Vishay Siliconix 39D Datasheet HTML 4Page - Vishay Siliconix 39D Datasheet HTML 5Page - Vishay Siliconix 39D Datasheet HTML 6Page - Vishay Siliconix 39D Datasheet HTML 7Page - Vishay Siliconix 39D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
39D
www.vishay.com
Vishay Sprague
Revision: 20-Mar-13
6
Document Number: 42036
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
200 WVDC AT + 85 °C, SURGE = 250 V
9
EE
39D905F200EE6
15
EJ
39D156F200EJ6
25
EL
39D256F200EL6
30
GE
39D306F200GE6
35
FJ
39D356F200FJ6
40
HE
39D406F200HE6
55
FL
39D556F200FL6
60
GJ
39D606F200GJ6
75
FP
39D756F200FP6
80
HJ
39D806F200HJ6
90
GL
39D906F200GL6
120
GP
39D127F200GP6
130
HL
39D137F200HL6
170
HP
39D177F200HP6
180
JL
39D187F200JL6
220
HS
39D227F200HS6
250
JP
39D257F200JP6
310
JS
39D317F200JS6
370
JT
39D377F200JT6
250 WVDC AT + 85 °C, SURGE = 300 V
7
EE
39D705F250EE6
15
EJ
39D156F250EJ6
20
EL
39D206F250EL6
30
FJ
39D306F250FJ6
35
HE
39D356F250HE6
45
FL
39D456F250FL6
50
JE
39D506F250JE6
60
FP
39D606F250FP6
70
GL
39D706F250GL6
95
GP
39D956F250GP6
100
HL
39D107F250HL6
140
HP
39D147F250HP6
150
JL
39D157F250JL6
180
HS
39D187F250HS6
200
JP
39D207F250JP6
250
JS
39D257F250JS6
300
JT
39D307F250JT6
300 WVDC AT + 85 °C, SURGE = 350 V
5
EE
39D505F300EE6
10
EJ
39D106F300EJ6
15
EL
39D156F300EL6
20
FJ
39D206F300FJ6
25
HE
39D256F300HE6
30
FL
39D306F300FL6
40
FP
39D406F300FP6
50
GL
39D506F300GL6
65
GP
39D656F300GP6
75
HL
39D756F300HL6
100
HP
39D107F300HP6
120
HS
39D127F300HS6
130
JP
39D137F300JP6
170
JS
39D177F300JS6
200
JT
39D207F300JT6
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (μF)
CASE CODE
PART NUMBER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com