Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39D Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 39D
Description  Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

39D Datasheet(HTML) 7 Page - Vishay Siliconix

  39D Datasheet HTML 1Page - Vishay Siliconix 39D Datasheet HTML 2Page - Vishay Siliconix 39D Datasheet HTML 3Page - Vishay Siliconix 39D Datasheet HTML 4Page - Vishay Siliconix 39D Datasheet HTML 5Page - Vishay Siliconix 39D Datasheet HTML 6Page - Vishay Siliconix 39D Datasheet HTML 7Page - Vishay Siliconix 39D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
39D
www.vishay.com
Vishay Sprague
Revision: 20-Mar-13
7
Document Number: 42036
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
350 WVDC AT + 85 °C, SURGE = 400 V
4
EE
39D405F350EE6
8
EJ
39D805F350EJ6
12
EL
39D126F350EL6
15
FJ
39D156F350FJ6
20
FL
39D206F350FL6
25
GJ
39D256F350GJ6
30
FP
39D306F350FP6
40
GL
39D406F350GL6
50
GP
39D506F350GP6
60
HL
39D606F350HL6
80
HP
39D806F350HP6
100
HS
39D107F350HS6
110
JP
39D117F350JP6
130
JS
39D137F350JS6
160
JT
39D167F350JT6
400 WVDC AT + 85 °C, SURGE = 475 V
2
EE
39D205F400EE6
5
EJ
39D505F400EJ6
10
FJ
39D106F400FJ6
15
F
39D156F400FL6
20
F
39D206F400FP6
25
GL
39D256F400GL6
35
GP
39D356F400GP6
40
HL
39D406F400HL6
55
HP
39D556F400HP6
65
HS
39D656F400HS6
75
JP
39D756F400JP6
90
JS
39D906F400JS6
110
JT
39D117F400JT6
450 WVDC AT + 85 °C, SURGE = 525 V
1
EE
39D105F450EE6
3
EJ
39D305F450EJ6
5
EL
39D505F450EL6
10
FL
39D106F450FL6
15
FP
39D156F450FP6
20
GL
39D206F450GL6
25
GP
39D256F450GP6
35
HP
39D356F450HP6
45
HS
39D456F450HS6
50
JP
39D506F450JP6
65
JS
39D656F450JS6
75
JT
39D756F450JT6
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (μF)
CASE CODE
PART NUMBER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com