Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 39D
Description  Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

39D Datasheet(HTML) 4 Page - Vishay Siliconix

  39D Datasheet HTML 1Page - Vishay Siliconix 39D Datasheet HTML 2Page - Vishay Siliconix 39D Datasheet HTML 3Page - Vishay Siliconix 39D Datasheet HTML 4Page - Vishay Siliconix 39D Datasheet HTML 5Page - Vishay Siliconix 39D Datasheet HTML 6Page - Vishay Siliconix 39D Datasheet HTML 7Page - Vishay Siliconix 39D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
39D
www.vishay.com
Vishay Sprague
Revision: 20-Mar-13
4
Document Number: 42036
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
30 WVDC AT + 85 °C, SURGE = 40 V
75
EE
39D756G030EE6
150
EJ
39D157G030EJ6
250
EL
39D257G030EL6
350
FJ
39D357G030FJ6
400
HE
39D407G030HE6
500
FL
39D507G030FL6
600
JE
39D607G030JE6
700
FP
39D707G030FP6
850
GL
39D857G030GL6
1100
GP
39D118G030GP6
1200
HL
39D128G030HL6
1700
HP
39D178G030HP6
1800
JL
39D188G030JL6
2100
HS
39D218G030HS6
2400
JP
39D248G030JP6
3000
JS
39D308G030JS6
3600
JT
39D368G030JT6
40 WVDC AT + 85 °C, SURGE = 50 V
75
EE
39D756G040EE6
150
EJ
39D157G040EJ6
200
EL
39D207G040EL6
250
GE
39D257G040GE6
300
FJ
39D307G040FJ6
350
HE
39D357G040HE6
450
FL
39D457G040FL6
500
GJ
39D507G040GJ6
600
FP
39D607G040FP6
750
GL
39D757G040GL6
1000
GP
39D108G040GP6
1100
HL
39D118G040HL6
1500
HP
39D158G040HP6
1600
JL
39D168G040JL6
1900
HS
39D198G040HS6
2100
JP
39D218G040JP6
2600
JS
39D268G040JS6
3200
JT
39D328G040JT6
50 WVDC AT + 85 °C, SURGE = 65 V
50
EE
39D506G050EE6
100
EJ
39D107G050EJ6
150
EL
39D157G050EL6
200
FJ
39D207G050FJ6
250
HE
39D257G050HE6
350
FL
39D357G050FL6
450
FP
39D457G050FP6
500
GL
39D507G050GL6
700
GP
39D707G050GP6
750
JJ
39D757G050JJ6
800
HL
39D807G050HL6
1100
HP
39D118G050HP6
1300
HS
39D138G050HS6
1500
JP
39D158G050JP6
1900
JS
39D198G050JS6
2300
JT
39D238G050JT6
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (μF)
CASE CODE
PART NUMBER



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com