Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 39D
Description  Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

39D Datasheet(HTML) 2 Page - Vishay Siliconix

  39D Datasheet HTML 1Page - Vishay Siliconix 39D Datasheet HTML 2Page - Vishay Siliconix 39D Datasheet HTML 3Page - Vishay Siliconix 39D Datasheet HTML 4Page - Vishay Siliconix 39D Datasheet HTML 5Page - Vishay Siliconix 39D Datasheet HTML 6Page - Vishay Siliconix 39D Datasheet HTML 7Page - Vishay Siliconix 39D Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
39D
www.vishay.com
Vishay Sprague
Revision: 20-Mar-13
2
Document Number: 42036
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING EXAMPLE
Electrolytic capacitor 39D series: 39D 907 G 003 EJ 6
Note
• For lead (Pb)-free/RoHS compliant products add suffix “E3” to part number.
Example: 39D907G003EJ6E3
DESCRIPTION
CODE
EXPLANATION
39D
Product type
907
Capacitance value (900 μF)
G
Tolerance (G = - 10 %/+ 75 %; F = - 10 %/+ 50 %)
003
Voltage rating at 85 °C (003 = 3 V)
EJ
Can size (See dimensions table)
6
Sleeve and sealing (6 = P.V.C. sleeve)
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (μF)
CASE CODE
PART NUMBER
3 WVDC AT + 85 °C, SURGE = 4 V
400
EE
39D407G003EE6
900
EJ
39D907G003EJ6
1300
EL
39D138G003EL6
1400
GE
39D148G003GE6
1800
FJ
39D188G003FJ6
2100
HE
39D218G003HE6
2700
FL
39D278G003FL6
2900
GJ
39D298G003GJ6
3000
JE
39D308G003JE6
3600
FP
39D368G003FP6
4200
HJ
39D428G003HJ6
4300
GL
39D438G003GL6
5700
GP
39D578G003GP6
6000
JJ
39D608G003JJ6
8500
HP
39D858G003HP6
9000
JL
39D908G003JL6
10 000
HS
39D109G003HS6
12 000
JP
39D129G003JP6
15 000
JS
39D159G003JS6
18 000
JT
39D189G003JT6
6 WVDC AT + 85 °C, SURGE = 8 V
300
EE
39D307G006EE6
600
EJ
39D607G006EJ6
900
EL
39D907G006EL6
1000
GE
39D108G006GE6
1200
FJ
39D128G006FJ6
1500
HE
39D158G006HE6
1900
FL
39D198G006FL6
2000
GJ
39D208G006GJ6
2100
JE
39D218G006JE6
2500
FP
39D258G006FP6
3000
GL
39D308G006GL6
4000
GP
39D408G006GP6
4200
JJ
39D428G006JJ6
6000
HP
39D608G006HP6
6300
JL
39D638G006JL6
7500
HS
39D758G006HS6
8500
JP
39D858G006JP6
10 000
JS
39D109G006JS6
12 000
JT
39D129G006JT6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com