Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303CB Datasheet(PDF) 57 Page - STMicroelectronics

Part # STM32F303CB
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CB Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STM32F303CB Datasheet HTML 53Page - STMicroelectronics STM32F303CB Datasheet HTML 54Page - STMicroelectronics STM32F303CB Datasheet HTML 55Page - STMicroelectronics STM32F303CB Datasheet HTML 56Page - STMicroelectronics STM32F303CB Datasheet HTML 57Page - STMicroelectronics STM32F303CB Datasheet HTML 58Page - STMicroelectronics STM32F303CB Datasheet HTML 59Page - STMicroelectronics STM32F303CB Datasheet HTML 60Page - STMicroelectronics STM32F303CB Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 133 page
background image
STM32F302xx/STM32F303xx
Electrical characteristics
Doc ID 023353 Rev 5
57/133
Table 20.
Current characteristics
Symbol
Ratings
Max.
Unit
IVDD(Σ)
Total current into sum of all VDD_x power lines (source)
160
mA
IVSS(Σ)
Total current out of sum of all VSS_x ground lines (sink)
− 160
IVDD
Maximum current into each VDD_x power line (source)
(1)
100
IVSS
Maximum current out of each VSS _x ground line (sink)
(1)
− 100
IIO(PIN)
Output current sunk by any I/O and control pin
25
Output current source by any I/O and control pin
− 25
ΣIIO(PIN)
Total output current sunk by sum of all IOs and control pins(2)
80
Total output current sourced by sum of all IOs and control pins(2)
− 80
IINJ(PIN)
Injected current on FT, FTf and B pins(3)
-5/+0
Injected current on TC and RST pin(4)
± 5
Injected current on TTa pins(5)
± 5
ΣIINJ(PIN)
Total injected current (sum of all I/O and control pins)(6)
± 25
1.
All main power (VDD, VDDA) and ground (VSS and VSSA) pins must always be connected to the external power supply, in
the permitted range.
2.
This current consumption must be correctly distributed over all I/Os and control pins.The total output current must not be
sunk/sourced between two consecutive power supply pins referring to high pin count LQFP packages
3.
Positive injection is not possible on these I/Os and does not occur for input voltages lower than the specified maximum
value.
4.
A positive injection is induced by VIN>VDD while a negative injection is induced by VIN<VSS. IINJ(PIN) must never be
exceeded. Refer to Table 19: Voltage characteristics for the maximum allowed input voltage values.
5.
A positive injection is induced by VIN>VDDA while a negative injection is induced by VIN<VSS. IINJ(PIN) must never be
exceeded. Refer also to Table 19: Voltage characteristics for the maximum allowed input voltage values. Negative injection
disturbs the analog performance of the device. See note (2) below Table 68.
6.
When several inputs are submitted to a current injection, the maximum
ΣIINJ(PIN) is the absolute sum of the positive and
negative injected currents (instantaneous values).
Table 21.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com