Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303CB Datasheet(PDF) 96 Page - STMicroelectronics

Part # STM32F303CB
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CB Datasheet(HTML) 96 Page - STMicroelectronics

Back Button STM32F303CB Datasheet HTML 92Page - STMicroelectronics STM32F303CB Datasheet HTML 93Page - STMicroelectronics STM32F303CB Datasheet HTML 94Page - STMicroelectronics STM32F303CB Datasheet HTML 95Page - STMicroelectronics STM32F303CB Datasheet HTML 96Page - STMicroelectronics STM32F303CB Datasheet HTML 97Page - STMicroelectronics STM32F303CB Datasheet HTML 98Page - STMicroelectronics STM32F303CB Datasheet HTML 99Page - STMicroelectronics STM32F303CB Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 133 page
background image
Electrical characteristics
STM32F302xx/STM32F303xx
96/133
Doc ID 023353 Rev 5
6.3.17
Communications interfaces
I
2C interface characteristics
Unless otherwise specified, the parameters given in Table 59 are derived from tests
performed under ambient temperature, fPCLK1 frequency and VDD supply voltage conditions
summarized in Table 22.
The I
2C interface meets the requirements of the standard I2C communication protocol with
the following restrictions: the I/O pins SDA and SCL are mapped to are not “true” open-
drain. When configured as open-drain, the PMOS connected between the I/O pin and VDD is
disabled, but is still present.
The I
2C characteristics are described in Table 59. Refer also to Section 6.3.14: I/O port
characteristics for more details on the input/output alternate function characteristics (SDA
and SCL).
Table 59.
I2C characteristics(1)
Symbol
Parameter
Standard
mode
Fast mode
Fast Mode Plus
Unit
Min
Max
Min
Max
Min
Max
tw(SCLL)
SCL clock low time
4.7
-
1.3
-
0.5
-
µs
tw(SCLH)
SCL clock high time
4.0
-
0.6
-
0.26
-
tsu(SDA)
SDA setup time
250
-
100
-
50
-
ns
th(SDA)
SDA data hold time
0(3)
3450(2)
0(3)
900(2)
0
450
tr(SDA)
tr(SCL)
SDA and SCL rise time
-
1000
-
300
-
120
tf(SDA)
tf(SCL)
SDA and SCL fall time
-
300
-
300
-
120
th(STA)
Start condition hold time
4.0
-
0.6
-
0.26
-
µs
tsu(STA)
Repeated Start condition setup time
4.7
-
0.6
-
0.26
-
tsu(STO)
Stop condition setup time
4.0
-
0.6
-
0.26
-
μs
tw(STO:STA) Stop to Start condition time (bus free)
4.7
-
1.3
-
0.5
-
μs
Cb
Capacitive load for each bus line
-
400
-
400
-
550
pF
1.
The I2C characteristics are the requirements from I2C bus specification rev03. They are guaranteed by design when
I2Cx_TIMING register is correctly programmed (Refer to reference manual). These characteristics are not tested in
production.
2.
The maximum Data hold time has only to be met if the interface does not stretch the low period of SCL signal.
3.
The device must internally provide a hold time of at least 300ns for the SDA signal in order to bridge the undefined region of
the falling edge of SCL.
Table 60.
I2C analog filter characteristics(1)
1.
Guaranteed by design, not tested in production.
Symbol
Parameter
Min
Max
Unit
tSP
Pulse width of spikes that are
suppressed by the analog filter
50
260
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com