Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303CB Datasheet(PDF) 80 Page - STMicroelectronics

Part # STM32F303CB
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CB Datasheet(HTML) 80 Page - STMicroelectronics

Back Button STM32F303CB Datasheet HTML 76Page - STMicroelectronics STM32F303CB Datasheet HTML 77Page - STMicroelectronics STM32F303CB Datasheet HTML 78Page - STMicroelectronics STM32F303CB Datasheet HTML 79Page - STMicroelectronics STM32F303CB Datasheet HTML 80Page - STMicroelectronics STM32F303CB Datasheet HTML 81Page - STMicroelectronics STM32F303CB Datasheet HTML 82Page - STMicroelectronics STM32F303CB Datasheet HTML 83Page - STMicroelectronics STM32F303CB Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 133 page
background image
Electrical characteristics
STM32F302xx/STM32F303xx
80/133
Doc ID 023353 Rev 5
6.3.8
Internal clock source characteristics
The parameters given in Table 42 are derived from tests performed under ambient
temperature and supply voltage conditions summarized in Table 22.
High-speed internal (HSI) RC oscillator
Figure 18.
HSI oscillator accuracy characterization results
1.
The above curves are based on characterisation results, not tested in production
Table 42.
HSI oscillator characteristics(1)
1.
VDDA = 3.3 V, TA = –40 to 105 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
-
8
-
MHz
TRIM
HSI user trimming step
-
-
1(2)
2.
Guaranteed by design, not tested in production.
%
DuCy(HSI)
Duty cycle
45(2)
-55(2)
%
ACCHSI
Accuracy of the HSI
oscillator (factory
calibrated)
TA = –40 to 105 °C
–3.8(3)
3.
Data based on characterization results, not tested in production.
-4.6(3)
%
TA = –10 to 85 °C
–2.9(3)
-2.9(3)
%
TA = 0 to 70 °C
-
-
-
%
TA = 25 °C
–1
-
1
%
tsu(HSI)
HSI oscillator startup
time
1(2)
-2(2)
µs
IDD(HSI)
HSI oscillator power
consumption
-
80
100(3)
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com