Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303CB Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM32F303CB
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CB Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM32F303CB Datasheet HTML 72Page - STMicroelectronics STM32F303CB Datasheet HTML 73Page - STMicroelectronics STM32F303CB Datasheet HTML 74Page - STMicroelectronics STM32F303CB Datasheet HTML 75Page - STMicroelectronics STM32F303CB Datasheet HTML 76Page - STMicroelectronics STM32F303CB Datasheet HTML 77Page - STMicroelectronics STM32F303CB Datasheet HTML 78Page - STMicroelectronics STM32F303CB Datasheet HTML 79Page - STMicroelectronics STM32F303CB Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 133 page
background image
Electrical characteristics
STM32F302xx/STM32F303xx
76/133
Doc ID 023353 Rev 5
High-speed external clock generated from a crystal/ceramic resonator
The high-speed external (HSE) clock can be supplied with a 4 to 32 MHz crystal/ceramic
resonator oscillator. All the information given in this paragraph are based on design
simulation results obtained with typical external components specified in Table 40. In the
application, the resonator and the load capacitors have to be placed as close as possible to
the oscillator pins in order to minimize output distortion and startup stabilization time. Refer
to the crystal resonator manufacturer for more details on the resonator characteristics
(frequency, package, accuracy).
Table 40.
HSE oscillator characteristics
Symbol
Parameter
Conditions(1)
1.
Resonator characteristics given by the crystal/ceramic resonator manufacturer.
Min(2)
2.
Guaranteed by design, not tested in production.
Typ
Max(2)
Unit
fOSC_IN
Oscillator frequency
4
8
32
MHz
RF
Feedback resistor
-
200
k
Ω
IDD
HSE current consumption
During startup(3)
3.
This consumption level occurs during the first 2/3 of the tSU(HSE) startup time
--
8.5
mA
VDD=3.3 V, Rm= 30Ω,
CL=10 pF@8 MHz
-0.4
-
VDD=3.3 V, Rm= 45Ω,
CL=10 pF@8 MHz
-0.5
-
VDD=3.3 V, Rm= 30Ω,
CL=10 pF@32 MHz
-0.8
-
VDD=3.3 V, Rm= 30Ω,
CL=10 pF@32 MHz
-1
-
VDD=3.3 V, Rm= 30Ω,
CL=10 pF@32 MHz
-1.5
-
gm
Oscillator transconductance
Startup
10
-
-
mA/V
tSU(HSE)
(4)
4.
tSU(HSE) is the startup time measured from the moment it is enabled (by software) to a stabilized 8 MHz
oscillation is reached. This value is measured for a standard crystal resonator and it can vary significantly
with the crystal manufacturer
Startup time
VDD is stabilized
-
2
-
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com