Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303CB Datasheet(PDF) 110 Page - STMicroelectronics

Part # STM32F303CB
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CB Datasheet(HTML) 110 Page - STMicroelectronics

Back Button STM32F303CB Datasheet HTML 106Page - STMicroelectronics STM32F303CB Datasheet HTML 107Page - STMicroelectronics STM32F303CB Datasheet HTML 108Page - STMicroelectronics STM32F303CB Datasheet HTML 109Page - STMicroelectronics STM32F303CB Datasheet HTML 110Page - STMicroelectronics STM32F303CB Datasheet HTML 111Page - STMicroelectronics STM32F303CB Datasheet HTML 112Page - STMicroelectronics STM32F303CB Datasheet HTML 113Page - STMicroelectronics STM32F303CB Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 133 page
background image
Electrical characteristics
STM32F302xx/STM32F303xx
110/133
Doc ID 023353 Rev 5
Figure 32.
ADC accuracy characteristics
SINAD
Signal-to-
noise and
distortion ratio
ADC clock freq.
≤ 72 MHz,
Sampling freq.
≤ 5
Msps,
2V
≤ VDDA , VREF+ ≤
3.6 V
Single Ended
Fast channel 5.1 Ms
-
63
dB
Slow channel 4.8 Ms
-
63
Differential
Fast channel 5.1 Ms
-
67
Slow channel 4.8 Ms
-
67
SNR
Signal-to-
noise ratio
Single Ended
Fast channel 5.1 Ms
64
-
Slow channel 4.8 Ms
64
-
Differential
Fast channel 5.1 Ms
67
-
Slow channel 4.8 Ms
67
-
THD
Total
harmonic
distortion
Single Ended
Fast channel 5.1 Ms
-
−71
Slow channel 4.8 Ms
-
−69
Differential
Fast channel 5.1 Ms
-
−73
Slow channel 4.8 Ms
-
−70
1.
ADC DC accuracy values are measured after internal calibration.
2.
ADC accuracy vs. negative Injection Current: Injecting negative current on any analog input pins should be avoided as this
significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to add a
Schottky diode (pin to ground) to analog pins which may potentially inject negative current.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 6.3.14 does not affect the ADC
accuracy.
3.
Better performance may be achieved in restricted VDDA, frequency and temperature ranges.
4.
Data based on characterization results, not tested in production.
Table 69.
ADC accuracy (1)(2)(3) (continued)
Symbol
Parameter
Conditions
Min (4)
Max(4)
Unit
EO
EG
1LSBIDEAL
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ET=Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer curves.
EO=Offset Error: deviation between the first actual
transition and the first ideal one.
EG=Gain Error: deviation between the last ideal
transition and the last actual one.
ED=Differential Linearity Error: maximum deviation
between actual steps and the ideal one.
EL=Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.
4095
4094
4093
5
4
3
2
1
0
7
6
1
2
3
456
7
4093 4094 4095 4096
(1)
(2)
ET
ED
EL
(3)
VDDA
VSSA
ai14395b
VREF+
4096
(or
depending on package)]
VDDA
4096
[1LSBIDEAL =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com