Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303CB Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32F303CB
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CB Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32F303CB Datasheet HTML 112Page - STMicroelectronics STM32F303CB Datasheet HTML 113Page - STMicroelectronics STM32F303CB Datasheet HTML 114Page - STMicroelectronics STM32F303CB Datasheet HTML 115Page - STMicroelectronics STM32F303CB Datasheet HTML 116Page - STMicroelectronics STM32F303CB Datasheet HTML 117Page - STMicroelectronics STM32F303CB Datasheet HTML 118Page - STMicroelectronics STM32F303CB Datasheet HTML 119Page - STMicroelectronics STM32F303CB Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 133 page
background image
Electrical characteristics
STM32F302xx/STM32F303xx
116/133
Doc ID 023353 Rev 5
6.3.21
Operational amplifier characteristics
Table 72.
Operational amplifier characteristics(1)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDDA
Analog supply voltage
2.4
-
3.6
V
CMIR
Common mode input range
0
-
VDDA
V
VIOFFSET
Input offset voltage
Maximum
calibration range
25°C, No Load
on output.
--
4
mV
All
voltage/Temp.
--
6
After offset
calibration
25°C, No Load
on output.
--
1.6
All
voltage/Temp.
--
3
ΔVIOFFSET
Input offset voltage drift
-
5
-
µV/°C
ILOAD
Drive current
-
-
500
µA
IDDOPAMP
Consumption
No load,
quiescent mode
-
690
1450
µA
CMRR
Common mode rejection ratio
-
90
-
dB
PSRR
Power supply rejection ratio
DC
73
117
-
dB
GBW
Bandwidth
-
8.2
-
MHz
SR
Slew rate
-
4.7
-
V/µs
RLOAD
Resistive load
4
-
-
k
Ω
CLOAD
Capacitive load
-
-
50
pF
VOHSAT
High saturation voltage
Rload = min,
Input at VDDA.
-
-
100
mV
Rload = 20K,
Input at VDDA.
--
20
VOLSAT
Low saturation voltage
Rload = min,
input at 0V
-
-
100
Rload = 20K,
input at 0V.
--
20
ϕm
Phase margin
-
62
-
°
tOFFTRIM
Offset trim time: during calibration,
minimum time needed between two
steps to have 1 mV accuracy
--
2
ms
tWAKEUP
Wake up time from OFF state.
CLOAD ≤ 50 pf,
RLOAD ≥ 4 kΩ,
Follower
configuration
-2.8
5
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com