Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303CC Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32F303CC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CC Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32F303CC Datasheet HTML 101Page - STMicroelectronics STM32F303CC Datasheet HTML 102Page - STMicroelectronics STM32F303CC Datasheet HTML 103Page - STMicroelectronics STM32F303CC Datasheet HTML 104Page - STMicroelectronics STM32F303CC Datasheet HTML 105Page - STMicroelectronics STM32F303CC Datasheet HTML 106Page - STMicroelectronics STM32F303CC Datasheet HTML 107Page - STMicroelectronics STM32F303CC Datasheet HTML 108Page - STMicroelectronics STM32F303CC Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 133 page
background image
STM32F302xx/STM32F303xx
Electrical characteristics
Doc ID 023353 Rev 5
105/133
6.3.18
ADC characteristics
Unless otherwise specified, the parameters given in Table 66 to Table 69 are guaranteed by
design, with conditions summarized in Table 22.
Table 66.
ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA
Analog supply voltage for
ADC
2-
3.6
V
fADC
ADC clock frequency
0.14
-
72
MHz
fS
(1)
Sampling rate
Resolution = 12 bits,
Fast Channel
0.01
-
5.14
MSPS
Resolution = 10 bits,
Fast Channel
0.012
-
6
Resolution = 8 bits,
Fast Channel
0.014
-
7.2
Resolution = 6 bits,
Fast Channel
0.0175
-
9
fTRIG
(1)
External trigger frequency
fADC = 72 MHz
Resolution = 12 bits
-
-
5.14
MHz
Resolution = 12 bits
-
-
14
1/fADC
VAIN
Conversion voltage range
0
-
VDDA
V
RAIN
(1)
External input impedance
-
-
100
k
Ω
CADC
(1)
Internal sample and hold
capacitor
-5
-
pF
tCAL
(1)
Calibration time
fADC = 72 MHz
1.56
µs
112
1/fADC
tlatr
(1)
Trigger conversion latency
Regular and injected
channels without conversion
abort
CKMODE = 00
1.5
2
2.5
1/fADC
CKMODE = 01
-
-
2
1/fADC
CKMODE = 10
-
-
2.25
1/fADC
CKMODE = 11
-
-
2.125
1/fADC
tlatrinj
(1)
Trigger conversion latency
Injected channels aborting a
regular conversion
CKMODE = 00
2.5
3
3.5
1/fADC
CKMODE = 01
-
-
3
1/fADC
CKMODE = 10
-
-
3.25
1/fADC
CKMODE = 11
-
-
3.125
1/fADC
tS
(1)
Sampling time
fADC = 72 MHz
0.021
-
8.35
µs
1.5
-
601.5
1/fADC
TADCVREG
_STUP
(1)
ADC Voltage Regulator
Start-up time
-
-
10
µs
tCONV
(1)
Total conversion time
(including sampling time)
fADC = 72 MHz
Resolution = 12 bits
0.19
-
3.5
µs
Resolution = 12 bits
14 to 252 (tS for sampling + 12.5 for
successive approximation)
1/fADC
1.
Data guaranteed by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com