Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303CC Datasheet(PDF) 107 Page - STMicroelectronics

Part # STM32F303CC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303CC Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STM32F303CC Datasheet HTML 103Page - STMicroelectronics STM32F303CC Datasheet HTML 104Page - STMicroelectronics STM32F303CC Datasheet HTML 105Page - STMicroelectronics STM32F303CC Datasheet HTML 106Page - STMicroelectronics STM32F303CC Datasheet HTML 107Page - STMicroelectronics STM32F303CC Datasheet HTML 108Page - STMicroelectronics STM32F303CC Datasheet HTML 109Page - STMicroelectronics STM32F303CC Datasheet HTML 110Page - STMicroelectronics STM32F303CC Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 133 page
background image
STM32F302xx/STM32F303xx
Electrical characteristics
Doc ID 023353 Rev 5
107/133
Table 68.
ADC accuracy - limited test conditions (1)(2)
Symbol
Parameter
Conditions
Min
(3)
Typ
Max(3)
Unit
ET
Total
unadjusted
error
ADC clock freq.
≤ 72 MHz
Sampling freq
≤ 5
Msps
VDDA = VREF+ = 3.3 V
25°C
Single ended
Fast channel 5.1 Ms
-
±3.5
±6
LSB
Slow channel 4.8 Ms
-
±4.5
±7
Differential
Fast channel 5.1 Ms
-
±3.5
±6
Slow channel 4.8 Ms
-
±3.5
±6
EO
Offset error
Single ended
Fast channel 5.1 Ms
-
±1
±5
Slow channel 4.8 Ms
-
±1
±5
Differential
Fast channel 5.1 Ms
-
±1
±3
Slow channel 4.8 Ms
-
±1
±3
EG
Gain error
Single ended
Fast channel 5.1 Ms
-
±3
±6
Slow channel 4.8 Ms
-
±4
±6
Differential
Fast channel 5.1 Ms
-
±1
±2
Slow channel 4.8 Ms
-
±1.5
±3
ED
Differential
linearity
error
Single ended
Fast channel 5.1 Ms
-
±1
±1
Slow channel 4.8 Ms
-
±1
±1.5
Differential
Fast channel 5.1 Ms
-
±1
±1
Slow channel 4.8 Ms
-
±1
±1
EL
Integral
linearity
error
Single ended
Fast channel 5.1 Ms
-
±1.5
±3
Slow channel 4.8 Ms
-
±2
±3
Differential
Fast channel 5.1 Ms
-
±1
±2
Slow channel 4.8 Ms
-
±1
±2
ENOB
Effective
number of
bits
Single ended
Fast channel 5.1 Ms
10.3
10.7
-
bits
Slow channel 4.8 Ms
10.4
10.7
-
Differential
Fast channel 5.1 Ms
10.9
11.3
-
Slow channel 4.8 Ms
10.9
11.3
-
SINAD
Signal-to-
noise and
distortion
ratio
Single ended
Fast channel 5.1 Ms
64
66
-
dB
Slow channel 4.8 Ms
65
66
-
Differential
Fast channel 5.1 Ms
67
70
-
Slow channel 4.8 Ms
67
70
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com