Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP90100MHE/NOPB Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 35 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 31Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 32Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 33Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 34Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 35Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 36Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 37Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 38Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 69 page
background image
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
SHORT_THLD_FLAG:
The short circuit threshold flag is used to report a short-circuit condition. It is set when the output voltage (VOUT)
is within the absolute Vthreshold. Vthreshold can be programmed using the 8-bit SENDIAG_THLDH register
concatenated with the 8-bit SENDIAG_THLDL register.
For example, assume VREF = 5V, gain = 1, SENDIAG_THLDH = 0xFA, and SENDIAG_THLDL = 0x45. In this
case, Dthreshold = 0xFA45 = 64069d, and Vthreshold can be calculated as:
Vthreshold = [(Dthreshold)(2)(VREF)] / [(Gain)(2
24)]
(12)
Vthreshold = [(64069)(2)(5V)] / [(1)(2
24)]
(13)
Vthreshold = 38.2 mV
(14)
When (-38.2mV)
≤ VOUT ≤ (38.2mV), then SHORT_THLD_FLAG = 1; otherwise, SHORT_THLD_FLAG = 0.
RAILS_FLAG:
The rails flag is used to detect if one of the sampled channels is within 50mV of the rails potential (VA or VSS).
This can be further investigated to detect an open-circuit or short-circuit condition. If the sampled channel is near
a rail, then RAILS_FLAG = 1; otherwise, RAILS_FLAG = 0.
POR_AFT_LST_RD:
If POR_AFT_LST_READ = 1, then there was a power-on reset since the last time the SENDIAG_FLAGS register
was read. This flag's status is cleared when this bit is read, unless this bit is set again on account of another
power-on-reset event in the intervening period.
OFLO_FLAGS:
OFLO_FLAGS is used to indicate whether the modulator is over-ranged or under-ranged. The following
conditions are possible:
1. OFLO_FLAGS = 0x0: Normal Operation
2. OFLO_FLAGS = 0x1: The differential input is more than (±VREF/Gain) but is not more than
±(1.3*VREF/Gain) to cause a modulator over-range.
3. OFLO_FLAGS = 0x2: The modulator was over-ranged towards +VREF/Gain.
4. OFLO_FLAGS = 0x3: The modulator was over-ranged towards
−VREF/Gain.
The condition of OFLO_FLAGS = 10b or 11b can be used in conjunction with the RAILS_FLAG to determine the
fault condition.
SAMPLED_CH:
These three bits show the channel number for which the ADC_DOUT and SENDIAG_FLAGS are available. This
does not necessarily indicate the current channel under conversion because the conversion frame and
computation of results from the channels are pipelined. That is, while the conversion is going on for a particular
channel, the results for the previous conversion (of the same or a different channel) are available.
SERIAL DIGITAL INTERFACE
A synchronous 4-wire serial peripheral interface (SPI) provides access to the internal registers of LMP90xxx via
CSB, SCLK, SDI, SDO/DRDYB.
Register Address (ADDR)
All registers are memory-mapped. A register address (ADDR) is composed of an upper register address (URA)
and lower register address (LRA) as shown in Table 6. For example, ADDR 0x3A has URA=0x3 and LRA=0xA.
Table 6. ADDR Map
Bit
[6:4]
[3:0]
Name
URA
LRA
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com