Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP90100MHE/NOPB Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 39 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 35Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 36Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 37Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 38Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 39Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 40Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 41Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 42Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
CSB
SCLK
MSB
1
4
5
6
7
8
9
10
11
12
13
14
15
16
17
n
LSB
INST2
SDI
MSB
SDO/
DRDYB
Data Byte (s)
DRDYB is driving the pin
SDO is driving the pin
LSB
1/fSCLK
tCL
tCH
CSB
SCLK
MSB
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
n
LSB
INST2
SDI
MSB
SDO/
DRDYB
Data Byte (s)
DRDYB is driving the pin
SDO is driving the pin
LSB
1/fSCLK
tCL
tCH
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
Figure 56. Timing Protocol for DrdybCase1
DrdybCase2: Combining SDO/DRDYB with SDO_DRDYB_DRIVER = 0x03
SDO/DRDYB can be made independent of CSB by setting SDO_DRDYB_DRIVER = 0x03 in the SPI Handshake
Control register. In this case, DRDYB will drive the pin unless the device is reading data, independent of the
state of CSB. SDO will drive the pin when CSB is asserted and the device is reading data.
With this scheme, one can use SDO/DRDYB as a true interrupt source, independent of the state of CSB. But this
scheme can only be used when the LMP900xx is the only device connected to the master's SPI bus because the
SDO/DRDYB pin will be DRDYB even when CSB is deasserted.
The timing protocol for this case can be seen in Figure 57. When drdyb asserts, assert CSB to start the SPI
transaction and begin writing the Instruction Bytes (INST1, UAB, INST2) to read from or write to registers.
Figure 57. Timing Protocol for DrdybCase2
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
39
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com