Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP90100MHE/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMP90100MHE/NOPB
Description  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100MHE/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMP90100MHE/NOPB Datasheet HTML 3Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 4Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 5Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 6Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 7Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 8Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 9Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 10Page - Texas Instruments LMP90100MHE/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 69 page
background image
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Analog Supply Voltage, VA
-0.3V to 6.0V
Digital I/O Supply Voltage, VIO
-0.3V to 6.0V
Reference Voltage, VREF
-0.3V to VA+0.3V
Voltage on Any Analog Input Pin to GND (3)
-0.3V to VA+0.3V
Voltage on Any Digital Input PIN to GND (3)
-0.3V to VIO+0.3V
Voltage on SDO (3)
-0.3V to VIO + 0.3V
Input Current at Any Pin (3)
5mA
Output Current Source or Sink by SDO
3mA
Total Package Input and Output Current
20mA
ESD Susceptibility
Human Body Model (HBM)
2500V
Machine Models (MM)
200V
Charged Device Model (CDM)
1250V
Junction Temperature (TJMAX)
+150°C
Storage Temperature Range
–65°C to +150°C
For soldering specifications: see product folder at www.ti.com and http://www.ti.com/lit/SNOA549.
(1)
All voltages are measured with respect to GND, unless otherwise specified
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. For ensured specifications and test conditions, see the
Electrical Characteristics. The ensured specifications apply only for the test conditions listed. Some performance characteristics may
degrade when the device is not operated under the listed test conditions.
(3)
When the input voltage (VIN) exceeds the power supply (VIN < GND or VIN > VA), the current at that pin must be limited to 5mA and
VIN has to be within the Absolute Maximum Rating for that pin. The 20 mA package input current rating limits the number of pins that
can safely exceed the power supplies with current flow to four pins.
Operating Ratings
Analog Supply Voltage, VA
+2.85V to 5.5V
Digital I/O Supply Voltage, VIO
+2.7V to 5.5V
Full Scale Input Range, VIN
±VREF / PGA
Reference Voltage, VREF
+0.5V to VA
TMIN = –40°C
Temperature Range for Electrical Characteristics
TMAX = +125°C
Operating Temperature Range
–40°C
≤ TA ≤ +125°C
Junction to Ambient Thermal Resistance (
θJA)
(1)
41°C/W
(1)
The maximum power dissipation is a function of TJ(MAX) AND θJA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA) / θJA.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMP90100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com